Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 292Page - Renesas Technology Corp 7733 Datasheet HTML 293Page - Renesas Technology Corp 7733 Datasheet HTML 294Page - Renesas Technology Corp 7733 Datasheet HTML 295Page - Renesas Technology Corp 7733 Datasheet HTML 296Page - Renesas Technology Corp 7733 Datasheet HTML 297Page - Renesas Technology Corp 7733 Datasheet HTML 298Page - Renesas Technology Corp 7733 Datasheet HTML 299Page - Renesas Technology Corp 7733 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–31
9.9 Precautions for A-D converter
9.9 Precautions for A-D converter
1. Writing to each bit (except bit 6) of the A-D control register 0 and each bit of the A-D control register 1
must be performed while the A-D converter stops operating, in other words, before a trigger is generated.
When the VREF connection selection bit is cleared from “1” to “0,” in other words, when pin VREF is
disconnected from the resistor ladder network, wait for an period of 1
µs or more, and then generate a
trigger.
2. When an external trigger is selected, pin AN5 cannot be used as an analog input pin because this pin
is disconnected from the comparator. If pin AN5 is selected as an analog input pin when an external
trigger is selected, the A-D converter operates, but an undefined value is stored into the A-D register 5.
3. When using the A-D converter, refer to section “Appendix 8. Countermeasures against noise,” also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com