Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 296Page - Renesas Technology Corp 7733 Datasheet HTML 297Page - Renesas Technology Corp 7733 Datasheet HTML 298Page - Renesas Technology Corp 7733 Datasheet HTML 299Page - Renesas Technology Corp 7733 Datasheet HTML 300Page - Renesas Technology Corp 7733 Datasheet HTML 301Page - Renesas Technology Corp 7733 Datasheet HTML 302Page - Renesas Technology Corp 7733 Datasheet HTML 303Page - Renesas Technology Corp 7733 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 940 page
background image
WATCHDOG TIMER
7733 Group User’s Manual
10-3
10.1.1 Watchdog timer
The watchdog timer is a 12-bit counter that down-counts a count source which is selected by the watchdog
timer frequency selection flag (bit 0 at address 6116). Value “FFF16” is automatically set in the watchdog
timer in the following cases. Note that an arbitrary value cannot be set in the watchdog timer.
q When dummy data is written to the watchdog timer register (Refer to Figure 10.1.2.)
q When the most significant bit of the watchdog timer becomes “0”
q When the STP instruction is executed (Refer to chapter “11. STOP AND WAIT MODES.”)
q At reset
Fig. 10.1.2 Structure of watchdog timer register
10.1 Block description
b7
b0
Watchdog timer register (address 6016)
Bit
7 to 0 Watchdog timer is initialized.
By writing dummy data to this register, watchdog timer’s value is
initialized to “FFF 16” (Dummy data: 0016 to FF16).
At reset
Un-
defined
WO
RW
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com