Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 299Page - Renesas Technology Corp 7733 Datasheet HTML 300Page - Renesas Technology Corp 7733 Datasheet HTML 301Page - Renesas Technology Corp 7733 Datasheet HTML 302Page - Renesas Technology Corp 7733 Datasheet HTML 303Page - Renesas Technology Corp 7733 Datasheet HTML 304Page - Renesas Technology Corp 7733 Datasheet HTML 305Page - Renesas Technology Corp 7733 Datasheet HTML 306Page - Renesas Technology Corp 7733 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 940 page
background image
WATCHDOG TIMER
7733 Group User’s Manual
10-6
10.2.2 Operation in stop mode
In the stop mode, the watchdog timer stops operating. Immediately after the stop mode is terminated, the
watchdog timer operates as follows.
(1) When stop mode is terminated by a hardware reset
Supply of internal clock
φ starts immediately after the stop mode is terminated, and the microcomputer
performs the “operation after reset.” (Refer to chapter “13. RESET.”) The watchdog timer frequency
selection flag becomes “0,” and the watchdog timer starts counting of the main clockV1 divided by 512
from “FFF16.”
Main clockV1: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
(2) When stop mode is terminated by an interrupt request generated
According to bit state listed in Table 10.2.2, the watchdog timer operates as “a” or “b” described below.
a. Supply of internal clock
φ starts immediately after the stop mode is terminated, and the routine of
the interrupt which is used to terminate the stop mode is executed. From “FFF16,” the watchdog
timer restarts counting of a count source which was counted just before the STP instruction is
executed (Note 1).
b. Immediately after the stop mode is terminated, the watchdog timer starts counting of a count source
(Note 2) from “FFF16.” Supply of internal clock
φ starts when the watchdog timer’s most significant
bit becomes “0.” (At this time, a watchdog timer interrupt request is not generated.)
When supply of internal clock
φ starts, the microcomputer executes the routine of the interrupt
which is used to terminate the stop mode. From “FFF16,” the watchdog timer restarts counting of
a count source which was counted just before the STP instruction is executed (Note 1).
Notes 1: Clock f32 or f512 is counted.
2: When the system clock selection bit = “0,” clock f32 is counted. When the system clock
selection bit = “1” and the port-Xc selection bit = “0,” clock f8 is counted.
10.2 Operation description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com