Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 298Page - Renesas Technology Corp 7733 Datasheet HTML 299Page - Renesas Technology Corp 7733 Datasheet HTML 300Page - Renesas Technology Corp 7733 Datasheet HTML 301Page - Renesas Technology Corp 7733 Datasheet HTML 302Page - Renesas Technology Corp 7733 Datasheet HTML 303Page - Renesas Technology Corp 7733 Datasheet HTML 304Page - Renesas Technology Corp 7733 Datasheet HTML 305Page - Renesas Technology Corp 7733 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 940 page
background image
WATCHDOG TIMER
7733 Group User’s Manual
10-5
10.2 Operation description
The watchdog timer’s operation is described below.
For its operation in the stop and wait modes, refer to chapter “11. STOP AND WAIT MODES.”
10.2.1 Basic operation
ŒThe watchdog timer starts counting down from “FFF16.”
When the watchdog timer’s most significant bit becomes “0,” in other words, when the countdown has
been performed 2048 times, a watchdog timer interrupt request occurs. (Refer to Table 10.2.1.)
ŽWhen the interrupt request occurs (), value “FFF16” is set to the watchdog timer.
The watchdog timer interrupt is a non-maskable interrupt. When a watchdog timer interrupt request is
accepted, the processor interrupt priority level (IPL) is set to “1112.”
Table 10.2.1 Occurrence interval of watchdog timer interrupt request
10.2 Operation description
When system clock =
32 kHz (Note 2)
32768 ms
2048 ms
Occurrence interval of watchdog timer interrupt request
When system clock =
12 MHz (Note 1)
87.4 ms
5.46 ms
Watchdog timer’s
count source
f512
f32
When system clock =
25 MHz (Note 1)
41.9 ms
2.62 ms
Clocks f32, f512, and system clock: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Notes 1: This is applied when the system clock selection bit (bit 3 at address 6C16; Refer to Figure 10.2.1.)
= “0” and the main clock division selection bit (bit 0 at address 6F16; Refer to Figure 10.2.2.) = “0.”
2: This is applied when the port-Xc selection bit (bit 4 at address 6C16; Refer to Figure 10.2.1.) =
“1” and the system clock selection bit = “1.”
Make sure that dummy data must be written to address 6016 (Watchdog timer register) by software before
the most significant bit of the watchdog timer becomes “0.”
If writing to address 6016 is not performed because of a program runaway and the most significant bit of
the watchdog timer becomes “0,” a watchdog timer interrupt request occurs. This means that a program
runaway has occurred.
When resetting the microcomputer after detecting a program runaway, write “1” to the software reset bit
(bit 3 at address 5E16) in the watchdog timer interrupt routine. (Make sure that writing “1” to the software
reset bit must be performed on the condition that the main clock is stably supplied.) (For details, refer to
chapter “13. RESET” and section “17.3 Watchdog timer.”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com