Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 295Page - Renesas Technology Corp 7733 Datasheet HTML 296Page - Renesas Technology Corp 7733 Datasheet HTML 297Page - Renesas Technology Corp 7733 Datasheet HTML 298Page - Renesas Technology Corp 7733 Datasheet HTML 299Page - Renesas Technology Corp 7733 Datasheet HTML 300Page - Renesas Technology Corp 7733 Datasheet HTML 301Page - Renesas Technology Corp 7733 Datasheet HTML 302Page - Renesas Technology Corp 7733 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 940 page
background image
instruction is executed, the watchdog timer is connected as follows;
WATCHDOG TIMER
7733 Group User’s Manual
10-2
The watchdog timer is described below and functions as follows:
• Detects a program runaway.
• Measures a certain time from when oscillation starts at termination of the stop mode.
(Refer to chapter “11. STOP AND WAIT MODES.”)
10.1 Block description
Figure 10.1.1 shows the block diagram of the watchdog timer.
10.1 Block description
Fig. 10.1.1 Block diagram of watchdog timer
Watchdog timer
2Vcc
detection
circuit
Watchdog timer frequency
selection flag
f32
f512
Value
FFF16
is set.
Writing to the watchdog timer
register (address 6016)
STP instruction
Hold request
RESET
S
Q
R
Watchdog timer
interrupt request
f8
(Note 1)
Clocks f8, f32, f512 : Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Notes 1: Only when the system clock selection bit (bit 3 at address 6C16) = “1” and the stop mode is
terminated by an interrupt request generated, the watchdog timer is connected to clock f 8.
2:
Clock f16 is input when one of the following conditions is satisfied;
• The port-Xc selection bit = “0” and the main clock external input selection bit = “1”
• The system clock selection bit = “0” and the main clock external input selection bit = “1”
• The port-Xc selection bit = “1,” the system clock selection bit = “1” and the sub clock external input
selection bit = “1”
When the STP
•Connected to clock f32 when the system clock selection bit = “0”
•Connected to clock f8 when the system clock selection bit = “1”
(Note 2)
(Note 3)
3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com