Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 303Page - Renesas Technology Corp 7733 Datasheet HTML 304Page - Renesas Technology Corp 7733 Datasheet HTML 305Page - Renesas Technology Corp 7733 Datasheet HTML 306Page - Renesas Technology Corp 7733 Datasheet HTML 307Page - Renesas Technology Corp 7733 Datasheet HTML 308Page - Renesas Technology Corp 7733 Datasheet HTML 309Page - Renesas Technology Corp 7733 Datasheet HTML 310Page - Renesas Technology Corp 7733 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 940 page
background image
WATCHDOG TIMER
7733 Group User’s Manual
10-10
10.3 Precautions for watchdog timer
10.3 Precautions for watchdog timer
1. If dummy data is written to address 6016 when the data length flag (m) is “0,” writing to address 6116 is
simultaneously performed. Accordingly, when a change of the watchdog timer frequency selection flag’s
value (bit 0 at address 6116) is not required, write the same value that is set.
2. In order to stop the watchdog timer in the hold state, the count source which is actually counted by the
_____
watchdog timer is the logical product of two signals. One is the inverted signal input from pin HOLD, and
the other is a count source which is selected by the watchdog timer frequency selection flag (clock f32
or f512). (Refer to Figure 10.1.1.) Accordingly, there is a possibility that counting is performed when pin
_____
HOLD’s input signal level changes during a duration which is shorter than 1 cycle of the selected count
source (clock f32 or f512).
Pin HOLD’s input signal level changes
during a duration which is shorter than
1 cycle of clock f32 or f512.
HOLD
pin input signal
Clock f32 or f512
Count source actually
counted by watchdog timer
Fig. 10.3.1 Watchdog timer’s count source
3. When the main clock is not stably supplied, do not use the software reset (that is, writing “1” to the
software reset bit) as a means to reset the microcomputer at a program runaway.
4. When the STP instruction (Refer to chapter “11. STOP AND WAIT MODES”) is executed, the watchdog
timer stops operating. For the system where the watchdog timer is used to detect a program runaway,
select “STP instruction disabled” with “STP instruction option” on “MASK ROM ORDER CONFIRMATION
FORM.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com