Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 305Page - Renesas Technology Corp 7733 Datasheet HTML 306Page - Renesas Technology Corp 7733 Datasheet HTML 307Page - Renesas Technology Corp 7733 Datasheet HTML 308Page - Renesas Technology Corp 7733 Datasheet HTML 309Page - Renesas Technology Corp 7733 Datasheet HTML 310Page - Renesas Technology Corp 7733 Datasheet HTML 311Page - Renesas Technology Corp 7733 Datasheet HTML 312Page - Renesas Technology Corp 7733 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–2
The stop and wait modes are described below.
When there is no need for operation of the central processing unit (CPU), the stop and wait modes are used
to stop oscillation or internal clock
φ. The microcomputer enters the stop mode when the STP instruction
is executed; the microcomputer enters the wait mode when the WIT instruction is executed.
11.1 Overview
Table 11.1.1 lists the differences between the stop and wait modes.
The stop state of oscillation or internal clock
φ can be terminated by an interrupt request occurrence or
hardware reset.
Table 11.1.1 Differences between stop and wait modes
11.1 Overview
State in
each
mode
Operation
after each
mode is
terminated
State/Operation
Stop mode
Wait mode
Item
Features
Stopped
Operating (Note 1)
Stopped
Operating
Stopped
Operating
Clock timer*1 : Refer to section “7.6 Clock timer.”
Clocks f2 to f512, clock
φ1*2 : Refer to Figure 11.2.1.
Note 1: When the main clock external input selection bit = “1,” the main-clock oscillation circuit stops
operating; when the sub clock external input selection bit = “1,” the sub-clock oscillation circuit
stops operating. (Note that, in this case, an external clock can be input.)
2: When the main clock is the system clock, pin XIN is used; when the sub clock is the system
clock, pin XCIN is used.
Less than that
when clocks
f2 to f512
operate
Less than that
when CPU
operates
Supply of internal
clock
φ starts
after measuring
a certain time by
watchdog timer.
Supply of
internal clock
φ
starts after f2 x
7 cycles.
Supply of internal clock
φ
starts immediately after
termination of the wait mode.
Less than that in the wait mode
Functions using the external clock are enabled.
Functions using clocks f2 to f512 are disabled.
Operating
enabled
From the exter-
nal, a clock
must stably be
input to a clock
input pin (Note
2).
Operation after hardware reset
Long
Short
Oscillation
Internal clock
φ
Clock timer*1
Clocks f2 to f512, clock
φ1*2
When terminated by
interrupt request
occurrence
When terminated by
hardware reset
Current consumption
Internal peripheral
devices
Interval from
termination of each
mode until execution
of instruction
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com