Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 306Page - Renesas Technology Corp 7733 Datasheet HTML 307Page - Renesas Technology Corp 7733 Datasheet HTML 308Page - Renesas Technology Corp 7733 Datasheet HTML 309Page - Renesas Technology Corp 7733 Datasheet HTML 310Page - Renesas Technology Corp 7733 Datasheet HTML 311Page - Renesas Technology Corp 7733 Datasheet HTML 312Page - Renesas Technology Corp 7733 Datasheet HTML 313Page - Renesas Technology Corp 7733 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–3
11.2 Clock generating circuit
Figure 11.2.1 shows the block diagram of the clock generating circuit (with the STP and WIT instructions).
Figures 11.2.2 and 11.2.3 show the structures of the oscillation circuit control register 0 and oscillation
circuit control register 1, respectively.
Figure 11.2.4 shows the procedure for writing data to the oscillation circuit control register 1.
Fig. 11.2.1 Block diagram of clock generating circuit (with STP and WIT instructions)
11.2 Clock generating circuit
1
1
0
0
1/8
0
CM3
CM4
1
1
CMi: Bit i at address 6C 16 (Refer to Figure 11.2.2. )
CCi: Bit i at address 6F 16 (Refer to Figure 11.2.3.)
System clock
S
R
Q
STP instruction
1/4
1/2
1/2
1/8
1/2
f64
f512
f2
f8
f16
f32
Internal
clock
Q
R
S
WIT instruction
S
R
Q
Reset
Watchdog timer frequency
selection flag
1
1
0
0
WDC
12-bit
watchdog
timer
1/2
XIN
XOUT
P77/AN7/XCIN
P76/AN6/XCOUT
CC1
CM3
CM 5
CM2
CM3
CC1
1
0
CM4
CC2
1
0
1
0
P67/TB2IN/
SUB
1
0
(Port latch)
Timer B2
(Event counter mode)
(Clock timer)
(Clock
prescaler)
1/32
1
0
fC32
CM4
PC1
Main clock
Sub clock
(Oscillation circuit control register 0: address 6C 16)
CM2: Main clock stop bit
CM3: System clock selection bit
CM4: Port-Xc selection bit
CM5: System clock stop bit at wait state
(Oscillation circuit control register 1: address 6F 16)
CC0: Main clock division selection bit
CC1: Main clock external input selection bit
CC2: Sub clock external input selection bit
(Port function control register: address 6D 16)
PC1: Sub-clock output selection bit/Timer B2 clock source selection bit
CM4
PC1
1
CC0
CM3
CM4
CM3
0
Interrupt request
Interrupt disable flag
Switch represented by
is controlled by a signal represented by “
”.
CM4
CC2
CM4
STP instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com