Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 310Page - Renesas Technology Corp 7733 Datasheet HTML 311Page - Renesas Technology Corp 7733 Datasheet HTML 312Page - Renesas Technology Corp 7733 Datasheet HTML 313Page - Renesas Technology Corp 7733 Datasheet HTML 314Page - Renesas Technology Corp 7733 Datasheet HTML 315Page - Renesas Technology Corp 7733 Datasheet HTML 316Page - Renesas Technology Corp 7733 Datasheet HTML 317Page - Renesas Technology Corp 7733 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–7
Table 11.3.2 Pin state in stop mode
11.3 Stop mode
State
Single-chip mode
Memory expansion
Microprocessor mode
mode
Pins
When the standby state
selection bit∗1 = “0”
When the standby state
selection bit∗1 = “1”
s When the signal output
disable selection bit =
“0,” “H” level is output
s When the signal output
disable selection bit =
“1,” “L” level is output.
s When the signal output
disable selection bit =
“0,” “H” level is output.
s When the signal output
disable selection bit =
“1,” “L” level is output.
Same as in the micro-
processor mode
“H” level is output.
__
E
__
R/W,
____
BHE,
_____
HLDA
ALE
A0–A7,
A8/D8–A15/D15,
A16/D0–A23/D7
“L” level is output.
Retains the same
state in which the
STP instruction is
executed.
s When the clock
φ1 output selection
bit*2 = “1”
φ1: “L” level is output.
s When the clock
φ1 output selection
bit = “0”
P42: Retains the same state in which
the STP instruction is executed.
P0 to P8
(not including P42)
: Retains the same
state in which the
STP instruction is
executed.
P43 to P47, P5 to P8
:Retains the same state
in which the STP instruction is executed.
Ports
s When the signal output disable
selection bit*3 = “0”
φ1: “L” level is output.
s When the signal output disable
selection bit = “1”
P42: Bit 2’s value of the port P4
register is output (Note).
P42/
φ1
Standby state selection bit*1: Bit 0 at address 6D16 (Refer to Figure 11.3.1.)
Clock
φ1 output selection bit*2: Bit 7 at address 5E16
(Refer to section “12.1 Signals required for accessing external devices.”)
Signal output disable selection bit*3: Bit 6 at address 6C16
(Refer to section “12.1 Signals required for accessing external devices.”)
Note: Make sure to set bit 2 of the port P4 direction register to “1.”
11.3.1 Output levels of external bus and bus control signals in stop mode
In the memory expansion or microprocessor mode, the output levels of the external bus and bus control
signals in the stop mode can be set by software. By setting the standby state selection bit (bit 0 at address
6D16) to “1,” these output levels become levels set by software. Figure 11.3.1 shows an output level setting
example in the stop mode.
In the single-chip mode, do not set the standby state selection bit to “1.”
Output levels can be
set. (Refer to section
“11.3.1 Output levels
of external bus and
bus control signals
in stop mode.”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com