Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 314Page - Renesas Technology Corp 7733 Datasheet HTML 315Page - Renesas Technology Corp 7733 Datasheet HTML 316Page - Renesas Technology Corp 7733 Datasheet HTML 317Page - Renesas Technology Corp 7733 Datasheet HTML 318Page - Renesas Technology Corp 7733 Datasheet HTML 319Page - Renesas Technology Corp 7733 Datasheet HTML 320Page - Renesas Technology Corp 7733 Datasheet HTML 321Page - Renesas Technology Corp 7733 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 940 page
background image
Interrupt request which was used for
STOP AND WAIT MODES
7733 Group User’s Manual
11–11
Stopped
Stopped
When not using watchdog timer
qWatchdog timer starts counting.
qSupply of
CPU
(internal clock
)
starts.
qInterrupt request which was used
for termination is accepted.
Internal clock
CPU
Internal peripheral devices
qSTP instruction
is executed
qInterrupt request which is
used for termination occurs.
qClock input from pin XIN or
XCIN starts.
Value of watchdog timer
“FFF16”
“7FF16”
Interrupt request
which is used for termination
(Interrupt request bit)
System clock
: f(XIN) or f(XCIN)
qInterrupt request which is
used for termination occurs.
qOscillation starts.
(When an external clock is
input from pin XIN, clock input
starts.)
Watchdog timer starts counting.
Internal clock
CPU
Internal peripheral devices
qSTP instruction
is executed
qWatchdog timer’s MSB = “0”
(However, watchdog timer interrupt
request does not occur.)
Supply of
CPU
(internal clock
)
starts.
q
termination is accepted.
Value of watchdog timer
“FFF16”
“7FF16”
Interrupt request
which is used for termination
(Interrupt request bit)
When using watchdog timer
System clock
: f(XIN) or f(XCIN)
Note 1: Sub clock (f(XCIN)) is stopped at
“L” level in the stop mode.
Stopped
32/f(XIN) ! 2048 counts
or 8/f(XCIN) ! 2048 counts
Stop mode
(Note 1)
.......
Operating
Operating
Operating
Operating
Operating
2/f(XIN) ! 7 counts
Stop mode
.......
(Note 2)
Stopped
Operating
Operating
Operating
Operating
Operating
Stopped
Stopped
Note 2: In the stop mode, clock input can be stopped.
In order to stop clock input, be sure to generate an interrupt
request after a clock is stably
supplied when returning from
the stop mode.
“0”
“1”
“0”
“1”
11.3 Stop mode
Fig. 11.3.2 Stop mode terminating sequence by interrupt request occurrence
q
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com