Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 317Page - Renesas Technology Corp 7733 Datasheet HTML 318Page - Renesas Technology Corp 7733 Datasheet HTML 319Page - Renesas Technology Corp 7733 Datasheet HTML 320Page - Renesas Technology Corp 7733 Datasheet HTML 321Page - Renesas Technology Corp 7733 Datasheet HTML 322Page - Renesas Technology Corp 7733 Datasheet HTML 323Page - Renesas Technology Corp 7733 Datasheet HTML 324Page - Renesas Technology Corp 7733 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–14
11.4 Wait mode
Table 11.4.2 Pin state in wait mode
State
Single-chip mode
Memory expansion
Microprocessor mode
mode
Pins
When the standby state
selection bit∗1 = “0”
When the standby state
selection bit∗1 = “1”
s When the signal output
disable selection bit =
“0,” “H” level is output.
s When the signal output
disable selection bit =
“1,” “L” level is output.
s When the signal output
disable selection bit =
“0,” “H” level is output.
s When the signal output
disable selection bit =
“1,” “L” level is output.
Same as in the micro-
processor mode
“H” level is output.
__
E
__
R/W,
____
BHE,
_____
HLDA
ALE
A0–A7,
A8/D8–A15/D15,
A16/D0–A23/D7
Output levels can be set.
(Refer to section
“11.4.2 Output levels
of external bus and
bus control signals
in wait mode”)
“L” level is output.
s When the signal output
disable selection bit*3 = “0”
φ1: Operating when the
system clock stop bit at
wait state = “0.”
“L” level is output when
the system clock stop
bit at wait state = “1.”
s When the signal output
disable selection bit = “1”
P42: Bit 2’s value of port P4
register is output (Note).
s When the clock
φ1 output selection bit*2 = “1”
φ1: Operating when the system clock stop bit
at wait state*4 = “0.”
“L” level is output when the system clock
stop bit at wait state = “1.”
s When the clock
φ1 output selection bit = “0”
P42: Retains the same state
in which the WIT instruction is
executed.
P42/
φ1
Retains the same
state in which the
WIT instruction is ex-
ecuted.
P43 to P47, P5 to P8
: Retains the same state
in which the WIT instruction is executed.
Ports
P0 to P8
(not including P42)
: Retains the same
state in which
the WIT instruction
is executed.
Standby state selection bit*1: Bit 0 at address 6D16 (Refer to Figure 11.4.1.)
Clock
φ1 output selection bit*2: Bit 7 at address 5E16
(Refer to section “12.1 Signals required for accessing external devices.”)
Signal output disable selection bit*3: Bit 6 at address 6C16
(Refer to section “12.1 Signals required for accessing external devices.”)
System clock stop bit at wait state*4: Bit 5 at address 6C16
(Refer to section “11.4.1 State of clocks f2 to f512 in wait mode.”)
Note: Make sure to set bit 2 of the port P4 direction register to “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com