Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 320Page - Renesas Technology Corp 7733 Datasheet HTML 321Page - Renesas Technology Corp 7733 Datasheet HTML 322Page - Renesas Technology Corp 7733 Datasheet HTML 323Page - Renesas Technology Corp 7733 Datasheet HTML 324Page - Renesas Technology Corp 7733 Datasheet HTML 325Page - Renesas Technology Corp 7733 Datasheet HTML 326Page - Renesas Technology Corp 7733 Datasheet HTML 327Page - Renesas Technology Corp 7733 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–17
11.4.3 Wait mode terminating operation by interrupt request occurrence
Œ When an interrupt request occurs with supply of clocks f2 to f512 stopped, the clock supply restarts.
 Supply of internal clock
φ starts.
Ž The interrupt request which occurs in Œ is accepted.
An interrupt which can be used for termination depends on the state of clocks f2 to f512 in the wait mode.
(Refer to Table 11.4.3.)
Table 11.4.3 Interrupts which can be used for termination of wait mode
11.4 Wait mode
Conditions for each function which generates
interrupt request
Interrupt
When the key input interrupt function is selected
____
INT2
interrupt: When the key input interrupt function is invalid.
Enabled only when the
external clock is selected
Disabled
When timer B2 functions as the clock timer
Disabled
Key input interrupt
____
INTi
interrupt (i = 0 to 2)
Timer Ai interrupt (i = 0 to 4)
Timer Bi interrupt (i = 0 to 2)
UARTi transmission interrupt (i = 0 to 2)
UARTi reception interrupt (i = 0 to 2)
Clock timer*
(timer B2) interrupt
A-D conversion interrupt
When clocks f2 to f512 are not stopped
In the event counter mode
Enabled in all modes
Always enabled
f(XIN)/32
f(XCIN)/32
Enabled in one-shot mode
and single sweep mode
Clock timer∗: Refer to section “7.6 Clock timer.”
g For each interrupt, refer to chapters “4. INTERRUPTS,” “5. KEY INPUT INTERRUPT FUNCTION,”
“6. TIMER A,” “7. TIMER B,” “8. SERIAL I/O,” and “9. A-D CONVERTER.”
Before executing the WIT instruction, be sure to enable an interrupt which is used for termination.
Also make sure that the interrupt priority level of an interrupt which is used for termination is higher than
the processor interrupt priority level (IPL) of a routine where the WIT instruction is executed. Furthermore,
when multiple interrupts in Table 11.4.3 are enabled, the wait mode is terminated by the interrupt request
which occurs first.
11.4.4 Wait mode terminating operation by hardware reset
The CPU and SFR area are initialized in the same way as at system reset. However, the internal RAM
area retains the same contents as that before the WIT instruction was executed. The terminating sequence
is the same as the internal processing sequence after reset.
When determining whether hardware reset was applied for termination of the wait mode or system reset
was applied, use software after reset.
For reset, refer to chapter “13. RESET.”
When clocks f2 to f512 are stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com