Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 319Page - Renesas Technology Corp 7733 Datasheet HTML 320Page - Renesas Technology Corp 7733 Datasheet HTML 321Page - Renesas Technology Corp 7733 Datasheet HTML 322Page - Renesas Technology Corp 7733 Datasheet HTML 323Page - Renesas Technology Corp 7733 Datasheet HTML 324Page - Renesas Technology Corp 7733 Datasheet HTML 325Page - Renesas Technology Corp 7733 Datasheet HTML 326Page - Renesas Technology Corp 7733 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–16
• When setting the signal output disable selection
bit to “1” in the microprocessor mode
• When setting the clock
1
output selection bit
to “0” in the memory expansion mode
Note 2: This bit’s value also affects the pin state in the stop mode.
(Refer to Figure 11.3.1.)
Setting of the output levels for the external bus and bus control signals (not including E)
b7
b0
Port P0 direction register (address 4 16)
Must be fixed to “FF16.”
1
Port P1 direction register (address 5 16)
Port P2 direction register (address 8 16)
Port P3 direction register (address 9 16)
b7
b0
Port P0 register (address 2 16)
Set output level by the bit which corresponds to each pin.
0: “L” level output
1: “H” level output
Port P1 register (address 3 16)
Port P2 register (address 6 16)
Port P3 register (address 7 16)
Setting of E signal’s output level (Setting of pin P4 2/
1
’s state)
b7
b0
Oscillation circuit control register 0 (address 6C 16)
Signal output disable selection bit (Note 3)
0: In the wait mode, pin E outputs “H” level.
Pin P42/
1
operates when system clock stop bit at wait state = “0” and
outputs “L” level when this bit = “1.”
1: In the wait mode, pin E outputs “L” level.
Pin P42/
1
outputs bit 2’s value of port P4 register.
Port function control register (address 6D 16)
Standby state selection bit (Note 2)
b7
b0
Setting of the standby state selection bit to “1”
01
b7
b0
Port P4 direction register (address C 16)
1
b7
b0
Port P4 register (address A 16)
0: “L” level output
1: “H” level output
WIT instruction is
executed.
Note 3: This bit’s value also affects the following:
• Output state of bus control signals and others after the wait mode is terminated (Refer to chapter
“12. CONNECTING EXTERNAL DEVICES.” )
• Pin state in the stop mode. (Refer to Figure 11.3.1.)
Furthermore, description of pin P4 2/
1
is applied only in the microprocessor mode.
• When setting the signal output disable selection
bit to “0” in the microprocessor mode
• When setting the clock
1
output selection bit to
“1” in the memory expansion mode
Note 1: This is applied only in the microprocessor mode.
In the memory expansion mode, it may be “0” or “1”
because the I/O port function is selected.
(Note 1)
11.4 Wait mode
Fig. 11.4.1 Output level setting example in wait mode (Memory expansion or Microprocessor mode)
1 1 1 1 1 1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com