Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 315Page - Renesas Technology Corp 7733 Datasheet HTML 316Page - Renesas Technology Corp 7733 Datasheet HTML 317Page - Renesas Technology Corp 7733 Datasheet HTML 318Page - Renesas Technology Corp 7733 Datasheet HTML 319Page - Renesas Technology Corp 7733 Datasheet HTML 320Page - Renesas Technology Corp 7733 Datasheet HTML 321Page - Renesas Technology Corp 7733 Datasheet HTML 322Page - Renesas Technology Corp 7733 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–12
11.3.4 Stop mode terminating operation by hardware reset
______
When terminating the stop mode by hardware reset, input “L” level to pin RESET from the external circuit
until oscillation of an oscillator which is connected to the main-clock oscillation circuit is stabilized.
The CPU and SFR area are initialized in the same way as at system reset. However, the internal RAM area
retains the same contents as that before the STP instruction was executed. The terminating sequence is
the same as the internal processing sequence after reset.
When determining whether hardware reset was applied for termination of the stop mode or system reset
was applied, use software after reset.
For reset, refer to chapter “13. RESET.”
11.3.5 Precautions for stop mode
1. In the mask ROM version, select “STP instruction enabled” with “STP instruction option” on “MASK ROM
ORDER CONFIRMATION FORM.” (In the built-in PROM and external ROM versions, STP instruction is
always enabled.)
2. “Stop mode terminating operation by an interrupt request occurrence (when not using watchdog timer)”
can be selected only when an external clock is stably input to a clock input pin for a clock which is
selected as the system clock.
In one of the following cases, select “Stop mode terminating operation by an interrupt request occur-
rence (when using watchdog timer)”:
q When an oscillator is connected between input and output pins for a clock which is selected as the
system clock
q When there is a possibility that the above external clock is temporarily unstable in termination of the
stop mode
11.3 Stop mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com