Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 313Page - Renesas Technology Corp 7733 Datasheet HTML 314Page - Renesas Technology Corp 7733 Datasheet HTML 315Page - Renesas Technology Corp 7733 Datasheet HTML 316Page - Renesas Technology Corp 7733 Datasheet HTML 317Page - Renesas Technology Corp 7733 Datasheet HTML 318Page - Renesas Technology Corp 7733 Datasheet HTML 319Page - Renesas Technology Corp 7733 Datasheet HTML 320Page - Renesas Technology Corp 7733 Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–10
When using the watchdog timer in termination of the stop mode, make sure to set as follows before
executing the STP instruction.
s Enable an interrupt which is used for termination.
Also, make sure that the interrupt priority level of an interrupt which is used for termination is higher
than the processor interrupt priority level (IPL) of a routine where the STP instruction is executed.
Furthermore, when multiple interrupts in Table 11.3.3 are enabled, the stop mode is terminated by the
interrupt request which occurs first.
After oscillation starts (Œ), there is a possibility that an interrupt request occurs until the supply of
internal clock
φ starts (Ž). Interrupt requests which occur during this period are accepted in order of
priority after the watchdog timer’s MSB becomes “0.” For interrupts which have no need to be
accepted, set their interrupt priority levels to “0” (Interrupt disabled) before executing the STP instruction.
s When the system clock is the main clock or the main clock divided by 8, set the main clock external
input selection bit (bit 1 at address 6F16; Refer to Figure 11.2.3.) to “0.” When the system clock is
the sub clock, set the sub clock external input selection bit (bit 2 at address 6F16) to “0.”
11.3.3 Stop mode terminating operation by interrupt request occurrence (when not using watchdog timer)
When a clock is stably input from the external to a clock input pin (Refer to Figures 14.2.2 and 14.2.4.),
instruction execution can be started immediately after the termination of the stop mode.
Œ When an interrupt request occurs, clock input from pin XIN starts. Simultaneously, supply of clocks f2
to f512 starts.
 Supply of internal clock
φ starts after 7 cycles of f2.
Ž The interrupt request which occurs in Œ is accepted.
Table 11.3.3 lists interrupts which can be used for termination.
When not using the watchdog timer in termination of the stop mode, make sure to set as follows before
executing the STP instruction.
s Enable an interrupt which is used for termination.
Also, make sure that the interrupt priority level of an interrupt which is used for termination is higher
than the processor interrupt priority level (IPL) of a routine where the STP instruction is executed.
Furthermore, when multiple interrupts in Table 11.3.3 are enabled, the stop mode is terminated by the
interrupt request which occurs first.
s When the system clock is the main clock or the main clock divided by 8, set the main clock external
input selection bit (bit 1 at address 6F16; Refer to Figure 11.2.3.) to “1.” When the system clock is the
sub clock, set the sub clock external input selection bit (bit 2 at address 6F16) to “1.”
11.3 Stop mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com