Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 312Page - Renesas Technology Corp 7733 Datasheet HTML 313Page - Renesas Technology Corp 7733 Datasheet HTML 314Page - Renesas Technology Corp 7733 Datasheet HTML 315Page - Renesas Technology Corp 7733 Datasheet HTML 316Page - Renesas Technology Corp 7733 Datasheet HTML 317Page - Renesas Technology Corp 7733 Datasheet HTML 318Page - Renesas Technology Corp 7733 Datasheet HTML 319Page - Renesas Technology Corp 7733 Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–9
11.3.2 Stop mode terminating operation by interrupt request occurrence (when using watchdog timer)
When there is little possibility that a clock is stably supplied from an oscillation circuit (Note 1) in returning
from the stop mode, instruction execution can be started after a certain time (Note 2) measured by the
watchdog timer.
Notes 1: A clock is supplied in one of the following ways:
q An oscillation circuit operates by itself.
q An external clock is input.
2: “a certain time” means an interval from occurrence of an interrupt request until stabilization of
clock supply.
Œ When an interrupt request occurs, an oscillator starts oscillating. Simultaneously, supply of clocks f2 to
f512 starts.
 By start of oscillation, the watchdog timer starts counting. The watchdog timer counts f32 when the
system clock selection bit (bit 3 at address 6C16; Refer to Figure 11.2.2.) = “0” or f8 when the system
clock selection bit = “1.”
Ž When the watchdog timer’s MSB becomes “0,” supply of internal clock
φ starts. At the same time, the
watchdog timer’s count source returns to a count source (clock f32 or f512) which is selected by the
watchdog timer frequency selection flag (bit 0 at address 6116).
 The interrupt request which occurs in Œ is accepted.
Table 11.3.3 lists interrupts which can be used for termination of the stop mode.
Table 11.3.3 Interrupts which can be used for termination of stop mode
When the key input interrupt function is selected
____
INT2
interrupt: When the key input interrupt function is invalid.
In the event counter mode
When the external clock is selected
Interrupt
Conditions for each function which generates
interrupt request
Key input interrupt
____
INTi
interrupt (i = 0 to 2)
Timer Ai interrupt (i = 0 to 4)
Timer Bi interrupt (i = 0 to 2)
UARTi transmission interrupt (i = 0, 1)
UARTi reception interrupt (i = 0, 1)
UART2 transmission/reception interrupt
Note 1: Because an oscillator has stopped oscillating, each function is available only in the conditions listed
in Table 11.3.3. Note that the A-D converter and clock timer (Refer to section “7.6 Clock timer”)
do not operate, also.
2: Because an oscillator has stopped oscillating, interrupts not listed in Table 11.3.3 cannot be used.
3: For each interrupt, refer to chapters “4. INTERRUPTS,” “5. KEY INPUT INTERRUPT FUNCTION,”
“6. TIMER A,” “7. TIMER B,” and “8. SERIAL I/O.”
11.3 Stop mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com