Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 316Page - Renesas Technology Corp 7733 Datasheet HTML 317Page - Renesas Technology Corp 7733 Datasheet HTML 318Page - Renesas Technology Corp 7733 Datasheet HTML 319Page - Renesas Technology Corp 7733 Datasheet HTML 320Page - Renesas Technology Corp 7733 Datasheet HTML 321Page - Renesas Technology Corp 7733 Datasheet HTML 322Page - Renesas Technology Corp 7733 Datasheet HTML 323Page - Renesas Technology Corp 7733 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–13
Operating
Operating
Operating
Stopped
Stopped
Operating
Operating
11.4 Wait mode
When the WIT instruction is executed, internal clock
φ stops. (The oscillator does not stop oscillating.) This
state is called “wait mode.”
In the wait mode, power consumption can be lowered with Vcc (power source voltage) retained. Refer to
section “17.4 Power saving” for lowering the power consumption.
Table 11.4.1 lists the microcomputer’s state/operation in the wait mode and after the wait mode is terminated.
Table 11.4.2 lists the pin state in the wait mode.
Table 11.4.1 Microcomputer’s state/operation in wait mode and after wait mode is terminated
11.4 Wait mode
When terminated by inter-
rupt request occurrence
When terminated by
hardware reset
Supply of internal clock
φ starts
immediately after termination.
Operation after hardware reset
State in
wait mode
Operation
after wait
mode is
terminated
Stopped
Operating
Stopped
Operating
Refer to Table 11.4.2.
Oscillation
Internal clock
φ
Clocks f2 to f512*1, clock
φ1*2
Clock
timer*3
Timer A, Timer B
Serial I/O
A-D converter
Watchdog timer
Pins
f(XIN)/32
f(XCIN)/32
Stopped
Operating
Item
Clocks f2 to f512∗1, clock
φ1∗2 : Refer to Figure 11.2.1.
Clock timer∗3 : Refer to section “7.6 Clock timer.”
g In order to select the state of clocks f2 to f512 in the wait mode, specify the system clock stop bit at wait state (bit 5
at address 6C16). (Refer to Figure 11.2.2 and section “11.4.1 State of clocks f2 to f512 in wait mode.”)
State/Operation
When clocks f2 to f512 are stopped When clocks f2 to f512 are not stopped
Operating enabled only in the
event counter mode.
Operating enabled only when
the external clock is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com