Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 318Page - Renesas Technology Corp 7733 Datasheet HTML 319Page - Renesas Technology Corp 7733 Datasheet HTML 320Page - Renesas Technology Corp 7733 Datasheet HTML 321Page - Renesas Technology Corp 7733 Datasheet HTML 322Page - Renesas Technology Corp 7733 Datasheet HTML 323Page - Renesas Technology Corp 7733 Datasheet HTML 324Page - Renesas Technology Corp 7733 Datasheet HTML 325Page - Renesas Technology Corp 7733 Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–15
11.4.1 State of clocks f2 to f512 in wait mode
The state of clocks f2 to f512 in the wait mode can be selected by the system clock stop bit at wait state
(bit 5 at address 6C16: Refer to Figure 11.2.2.). When supply of clocks f2 to f512 is stopped in the wait
mode, power consumption can further be lowered.
When supply of clocks f2 to f512 is stopped, internal peripheral devices which use clocks f2 to f512 stop
operating as in the stop mode. Furthermore, when pin P42/
φ1 functions as a clock φ1 output pin, this pin
outputs “L” level. (Refer to Table 11.4.2.)
When supply of clocks f2 to f512 is not stopped, both of the internal peripheral devices’ operation and clock
φ1 output do not stop. Note that, in the microprocessor mode, clock φ1 output stops when the signal output
disable selection bit = “1.”
In both cases, internal clock
φ stops, so that the CPU does not operate. Furthermore, because clock fc32
does not stop operating, the clock timer continues operating. (Refer to Table 11.4.3.)
11.4.2 Output levels of external bus and bus control signals in wait mode
In the memory expansion or microprocessor mode, the output levels of the external bus and bus control
signals in the wait mode can be set by software. By setting the standby state selection bit (bit 0 at address
6D16) to “1,” these output levels become levels set by software. Figure 11.4.1 shows an output level setting
example in the wait mode.
In the single-chip mode, do not set the standby state selection bit to “1.” (Fix this bit to “0.”)
11.4 Wait mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com