Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 309Page - Renesas Technology Corp 7733 Datasheet HTML 310Page - Renesas Technology Corp 7733 Datasheet HTML 311Page - Renesas Technology Corp 7733 Datasheet HTML 312Page - Renesas Technology Corp 7733 Datasheet HTML 313Page - Renesas Technology Corp 7733 Datasheet HTML 314Page - Renesas Technology Corp 7733 Datasheet HTML 315Page - Renesas Technology Corp 7733 Datasheet HTML 316Page - Renesas Technology Corp 7733 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 940 page
background image
STOP AND WAIT MODES
7733 Group User’s Manual
11–6
11.3 Stop mode
When the STP instruction is executed, the main-clock and sub-clock oscillation circuits stop operating. This
state is called “stop mode.”
In the stop mode, even when oscillation stops, the contents of the internal RAM can be retained if there
is 2 V of Vcc (power source voltage) or more. Furthermore, because the CPU and all internal peripheral
devices which use clocks f2 to f512*1 stop operating, power consumption is lowered. Refer to section “17.4
Power saving” for lowering the power consumption.
Table 11.3.1 lists the microcomputer’s state/operation in the stop mode and after the stop mode is terminated.
Table 11.3.2 lists the pin state in the stop mode.
Table 11.3.1 Microcomputer’s state/operation in stop mode and after stop mode is terminated
11.3 Stop mode
State in
stop mode
Operation
after stop
mode is
terminated
When terminated by
interrupt request
occurrence
When terminated by
hardware reset
Item
f(XIN)/32
f(XCIN)/32
Stopped
Stopped
Operating enabled only in the event counter mode
Operating enabled only when the external clock is selected
Stopped
Stopped
Refer to Table 11.3.2
Clocks f2 to f512*1, clock
φ1*2 : Refer to Figure 11.2.1.
Clock timer*3 : Refer to section “7.6 Clock timer.”
Clock input pin*4 : When the system clock is the main clock, pin XIN is used; when the system clock is the
sub clock, pin XCIN is used.
g In order to select whether to use the watchdog timer or not when terminating the stop mode, specify the main clock
external input selection bit (bit 1 at address 6F16; when the main clock is used) or the sub clock external input
selection bit (bit 2 at address 6F16; when the sub clock is used).
(Refer to Figure 11.2.3, sections “11.3.2 Stop mode terminating operation by interrupt request occur-
rence (when using watchdog timer)” and “11.3.3 Stop mode terminating operation by interrupt
request occurrence (when not using watchdog timer).”
State/Operation
Watchdog timer is used
when terminating the stop mode
Watchdog timer is not used
when terminating the stop mode
Supply of internal clock
φ starts
after measuring a certain time
by watchdog timer.
Operation after hardware reset
Supply of internal clock
φ
starts after f2 x 7 cycles.
Condition
From the external, a clock
must stably be input to a
clock input pin*4.
Oscillation
Internal clock
φ
Clocks f2 to f512*1, clock
φ1*2
Clock
timer*3
Timer A, Timer B
Serial I/O
A-D converter
Watchdog timer
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com