Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 325Page - Renesas Technology Corp 7733 Datasheet HTML 326Page - Renesas Technology Corp 7733 Datasheet HTML 327Page - Renesas Technology Corp 7733 Datasheet HTML 328Page - Renesas Technology Corp 7733 Datasheet HTML 329Page - Renesas Technology Corp 7733 Datasheet HTML 330Page - Renesas Technology Corp 7733 Datasheet HTML 331Page - Renesas Technology Corp 7733 Datasheet HTML 332Page - Renesas Technology Corp 7733 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 940 page
background image
This signal is affected by the signal output disable selection bit (bit 6 at address 6C
CONNECTING EXTERNAL DEVICES
7733 Group User’s Manual
12–4
Notes 1: In the memory expansion mode, this pin functions as a programmable I/O port. Furthermore, it can be switched to be a clock
1
output
pin when selected by software. In the microprocessor mode, this pin is affected by the signal output disable selection bit (bit 6 at address
6C16). (Refer to Table 12.1.5.)
2:
16
). (Refer to Table 12.1.2.)
Pin name
HLDA
ALE
16 bits
(BYTE = “L”)
8 bits
(BYTE = “H”)
External data
bus width
ALE
P
RDY
HOLD
RDY
1
HOLD
E
(Note 2)
1
P : Functions as programmable I/O port
P47 to P43
(Note 1)
HLDA
R/W
BHE
1
P47 to P43
HOLD
RDY
BHE
ALE
R/W
HLDA
A7 to A0
A7 to A0
A7 to A0
A15/D15 to A8/D8
A15 to A8
D(odd)
D(odd) : Data at odd
address
A15/D15
to A8/D8
A15 to A8
A15 to A8
A23/D7 to A16/D0
A23 to A16
D(even)
D(even) : Data at even
address
A23/D7
to A16/D0
A23 to A16
A23/D7
to A16/D0
D
D : Data
BHE
R/W
E
__
Table 12.1.1 Functions of ports P0 to P4 and pin E in memory expansion or microprocessor mode
12.1 Signals required for accessing external devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com