Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 328Page - Renesas Technology Corp 7733 Datasheet HTML 329Page - Renesas Technology Corp 7733 Datasheet HTML 330Page - Renesas Technology Corp 7733 Datasheet HTML 331Page - Renesas Technology Corp 7733 Datasheet HTML 332Page - Renesas Technology Corp 7733 Datasheet HTML 333Page - Renesas Technology Corp 7733 Datasheet HTML 334Page - Renesas Technology Corp 7733 Datasheet HTML 335Page - Renesas Technology Corp 7733 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7733 Group User’s Manual
12–7
____
12.1.5 Byte high enable signal (BHE)
This signal indicates access to an odd address. This signal level is “L” when accessing only an odd
address or when simultaneously accessing both an odd address and an even address.
This signal is used when connecting memory or I/O of which data bus is 8 bits wide with the 16-bit external
data bus used. Table 12.1.4 lists the relationship between signal A0 of the external address bus, signal
____
BHE
, and access address.
____
Table 12.1.4 Relationship between signals A0, BHE and access address
A0
____
BHE
Access address
Odd address
(1-byte access)
H
L
Even and Odd addresses
(Simultaneous 2-byte access)
L
L
L
H
Even address
(1-byte access)
12.1.6 Address latch enable signal (ALE)
This signal is used to latch an address from a multiplexed signal. This multiplexed signal consists of the
address and data and is input or output to or from pins A8/D8 to A15/D15, A16/D0 to A23/D7. When this signal
level is “H,” take the address into a latch and output it simultaneously. When this signal level is “L,” retain
the latched address.
____
12.1.7 Signal related to ready function (RDY)
This signal is required to use the ready function. (Refer to section “12.3 Ready function.”)
_____
_____
12.1.8 Signals related to hold function (HOLD, HLDA)
These signals are required to use the hold function. (Refer to section “12.4 Hold function.”)
12.1.9 Clock
φ1
This signal has the same period as internal clock
φ.
Whether to output or stop clock
φ1 can be selected by software. However, the method of this selection
depends on the processor mode. Table 12.1.5 lists the method to select whether to output or stop clock
φ1. Figure 12.1.3 shows the clock φ1 output start timing.
Table 12.1.5 Method to select whether to output or stop clock
φ1
Clock
φ1 output
Clock
φ1 stopped
Remark
Processor mode
Single-chip or Memory expansion mode
Microprocessor mode
Clear the signal output disable
selection bit*2 to “0.”
Set the signal output disable
selection bit to “1.” (Note)
Clock
φ1 is output after reset.
The clock
φ1 output selection bit is
ignored.
Set the clock
φ1 output selection bit*1 to
“1.”
Clear the clock
φ1 output selection bit to
“0.” (Pin P42 functions as a programmable
I/O port.)
Clock
φ1 is stopped after reset.
The signal output disable selection bit is
ignored.
Clock
φ1 output selection bit*1: Bit 7 at address 5E16
Signal output disable selection bit*2: Bit 6 at address 6C16 (Refer to Table 12.1.2.)
Note: In this case, make sure that bit 2 at address C16 (Port P4 direction register) is set to “1.”
When bit 2 at address A16 (Port P4 register) = “0,” “L” level is output: when this bit = “1,” “H” level
is output.
12.1 Signals required for accessing external devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com