Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
23
4.8
I/O Pin AC Electrical Characteristics
Figure 5 shows the load circuit for output pins.
Figure 5. Load Circuit for Output Pin
SDR
(1.8 V)
High-level output voltage
Voh
loh = 5.7 mA
OVDD – 0.28
—
—
V
Low-level output voltage
Vol
loh = 5.7 mA
—
—
0.4
V
High-level output current
Ioh
Max. drive
5.7
—
—
mA
Low-level output current
Iol
Max. drive
7.3
—
—
mA
High-level DC Input Voltage
VIH
—
1.4
—
1.98
V
Low-level DC Input Voltage
VIL
—
–0.3
—
0.8
V
Input current (no
pull-up/down)
IIN
VI = 0
VI=NVCC
——
150
80
μA
Tri-state I/O supply current
Icc (NVCC)
VI = OVDD or 0
—
—
1180
μA
Tri-state core supply current
Icc (NVCC)
VI = VDD or 0
—
—
1220
μA
SDR
(3.3 V)
High-level output voltage
Voh
Ioh=specified drive
(Ioh = –4, –8, –12,
–16 mA)
2.4
—
—
V
Low-level output voltage
Vol
Ioh=specified drive
(Ioh = 4, 8, 12,
16 mA)
——
0.4
V
High-level output current
Ioh
Standard drive
High drive
Max. drive
–4.0
–8.0
–12.0
——
mA
Low-level output current
Iol
Standard drive
High drive
Max. drive
4.0
8.0
12.0
——
mA
High-level DC Input Voltage
VIH
—
2.0
—
3.6
V
Low-level DC Input Voltage
VIL
—
–0.3V
—
0.8
V
Input current (no
pull-up/down)
IIN
VI = 0
VI = NVCC
——
±1
μA
Tri-state I/O supply current
Icc (NVCC)
VI = NVCC or 0
—
—
±1
μA
Table 13. I/O Pin DC Electrical Characteristics (continued)
Pin
DC Electrical
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Test Point
From Output
Under Test
CL
CL includes package, probe and jig capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com