Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
28
Table 22. AC Electrical Characteristics of DDR Type IO Pins in mDDR Mode
Parameter
Symbol
Test Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units
Duty cycle
Fduty
—
45
50
55
%
Clock frequency
f
—
—
133
—
MHz
Output pin slew rate (max. drive)
tps
25 pF
50 pF
0.80/0.92
0.43/0.50
1.35/1.50
0.72/0.81
2.23/2.27
1.66/1.68
V/ns
Output pin slew rate (high drive)
tps
25 pF
50 pF
0.37/0.43
0.19/0.23
0.62/0.70
0.33/0.37
1.03/1.05
0.75/0.77
V/ns
Output pin slew rate (standard drive)
tps
25 pF
50 pF
0.18/0.22
0.10/0.12
0.31/0.35
0.16/0.18
0.51/0.53
0.38/0.39
V/ns
Output pin di/dt (max. drive)
tdit
25 pF
50 pF
64
69
171
183
407
432
mA/ns
Output pin di/dt (high drive)
tdit
25 pF
50 pF
37
39
100
106
232
246
mA/ns
Output pin di/dt (standard drive)
tdit
25 pF
50 pF
18
20
50
52
116
123
mA/ns
Table 23. AC Electrical Characteristics of DDR Type IO Pins in SDRAM Mode
Parameter
Symbol
Test Condition
Min.
Rise/Fall
Min. Clock
Frequency
Max.
Rise/Fall
Units
Clock frequency
f
—
—
125
—
MHz
Output pin slew rate (max. drive)
tps
25 pF
50 pF
1.11/1.20
0.97/0.65
1.74/1.75
0.92/0.94
2.42/2.46
1.39/1.30
V/ns
Output pin slew rate (high drive)
tps
25 pF
50 pF
0.76/0.80
0.40/0.43
1.16/1.19
0.61/0.63
1.76/1.66
0.93/0.87
V/ns
Output pin slew rate (standard drive)
tps
25 pF
50 pF
0.38/0.41
0.20/0.22
0.59/0.60
0.31/0.32
0.89/0.82
0.47/0.43
V/ns
Output pin di/dt (max. drive)
tdit
25 pF
50 pF
89
94
198
209
398
421
mA/ns
Output pin di/dt (high drive)
tdit
25 pF
50 pF
59
62
132
139
265
279
mA/ns
Output pin di/dt (standard drive)
tdit
25 pF
50 pF
29
31
65
69
132
139
mA/ns
Table 24. AC Electrical Characteristics of DDR Type IO Pins in SDRAM Mode Max Drive (1.8 V)
Parameter
Symbol
Test Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units
Clock frequency
f
—
125
—
—
MHz
Output pin slew rate (max. drive)1
tps
25 pF
50 pF
2.83/2.68
1.59/1.49
1.84/1.85
1.03/1.05
1.21/1.40
0.70/0.75
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com