Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  IMX35 Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MCIMX35SR2CEC
Rev. 6, 10/2009
© Freescale Semiconductor, Inc., 2008, 2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
IMX35
Package Information
Plastic package
Case 5284 17 x 17 mm, 0.8 mm Pitch
Ordering Information
See Table 1 on page 3 for ordering information.
1
Introduction
The i.MX353 and the i.MX357 multimedia
applications processors represent the next
generation of ARM11 products with the right
performance and integration to address applications
within the industrial and consumer markets for
applications such as HMI and display controllers.
Unless otherwise specified, the material in this data
sheet is applicable to both the i.MX353 and
i.MX357 devices and referred to singularly
throughout this document as i.MX35 or
MCIMX35. The i.MX353 devices do not include a
graphics processing unit (GPU). For information on
i.MX35 devices for automotive applications, please
refer to document number, MCIMX35SR2AEC.
The i.MX35 processor takes advantage of the
ARM1136JF-S™ core running at 532 MHz that is
boosted by a multi-level cache system and
integrated features such as LCD controller,
Ethernet, and graphics acceleration for creating rich
user interfaces.
i.MX35 Applications
Processors for Industrial
and Consumer
Products
Silicon Revisions 2.0 and 2.1
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 3
1.3
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2
Functional Description and Application Information . . . . . 4
2.1
Application Processor Domain Overview. . . . . . . . . 4
2.2
Shared Domain Overview . . . . . . . . . . . . . . . . . . . . 5
2.3
Advanced Power Management Overview . . . . . . . . 5
2.4
ARM11 Microprocessor Core . . . . . . . . . . . . . . . . . 5
2.5
Module Inventory . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Signal Descriptions: Special Function Related Pins . . . . 11
4
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 11
4.1
i.MX35 Chip-Level Conditions . . . . . . . . . . . . . . . . 11
4.2
Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
4.3
Supply Power-Up/Power-Down Requirements and
Restrictions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.4
Reset Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
4.5
Power Characteristics . . . . . . . . . . . . . . . . . . . . . . 17
4.6
Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . 18
4.7
I/O Pin DC Electrical Characteristics . . . . . . . . . . . 20
4.8
I/O Pin AC Electrical Characteristics . . . . . . . . . . . 23
4.9
Module-Level AC Electrical Specifications. . . . . . . 29
5
Package Information and Pinout . . . . . . . . . . . . . . . . . . 130
5.1
MAPBGA Production Package 1568-01, 17
× 17 mm,
0.8 Pitch. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 131
5.2
MAPBGA Signal Assignments. . . . . . . . . . . . . . . 132
6
Product Documentation. . . . . . . . . . . . . . . . . . . . . . . . . 145
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145


Similar Part No. - IMX35

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
35 Watt DC-DC Converters
logo
Freescale Semiconductor...
IMX35 FREESCALE-IMX35 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Automotive Products
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
35 Watt Quad-Output DC-DC Converter
logo
Sony Corporation
IMX350 SONY-IMX350 Datasheet
127Kb / 2P
Diagonal 6.475 mm (Type 1/2.78) 20Mega-Pixel CMOS Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - IMX35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX35 FREESCALE-IMX35 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Automotive Products
IMX51 FREESCALE-IMX51 Datasheet
3Mb / 184P
i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
Processors for Consumer and Industrial Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
i.MX51 Applications Processors for Consumer and Industrial Products
logo
NXP Semiconductors
MCIMX35SR2AEC NXP-MCIMX35SR2AEC Datasheet
1Mb / 147P
i.MX35 Applications Processors for Automotive Products
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com