Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 76Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
73
Section 4.9.13.1.5, “Interface to Active Matrix TFT LCD Panels, Electrical Characteristics.” The timing
images correspond to straight polarity of the Sharp signals.
Figure 52. Sharp HR-TFT Panel Interface Timing Diagram—Pixel Level
Table 53. Sharp Synchronous Display Interface Timing Parameters—Pixel Level
ID
Parameter
Symbol
Value
Units
IP21
SPL rise time
Tsplr
(BGXP – 1)
× Tdpcp
ns
IP22
CLS rise time
Tclsr
CLS_RISE_DELAY
× Tdpcp
ns
IP23
CLS fall time
Tclsf
CLS_FALL_DELAY
× Tdpcp
ns
IP24
CLS rise and PS fall time
Tpsf
PS_FALL_DELAY
× Tdpcp
ns
IP25
PS rise time
Tpsr
PS_RISE_DELAY
× Tdpcp
ns
IP26
REV toggle time
Trev
REV_TOGGLE_DELAY
× Tdpcp
ns
D1
D2
DISPB_D3_CLK
DISPB_D3_DATA
DISPB_D3_SPL
DISPB_D3_HSYNC
DISPB_D3_CLS
DISPB_D3_PS
DISPB_D3_REV
1 DISPB_D3_CLK period
IP26
D320
Horizontal timing
IP22
IP23
IP25
IP21
IP24
Example is drawn with FW + 1 = 320 pixel/line, FH + 1 = 240 lines.
SPL pulse width is fixed and aligned to the first data of the line.
REV toggles every HSYNC period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com