Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
72
4.9.13.2
Interface to Sharp HR-TFT Panels
Figure 52 depicts the Sharp HR-TFT panel interface timing, and Table 53 lists the timing parameters. The
CLS_RISE_DELAY, CLS_FALL_DELAY, PS_FALL_DELAY, PS_RISE_DELAY,
REV_TOGGLE_DELAY parameters are defined in the SDC_SHARP_CONF_1 and
SDC_SHARP_CONF_2 registers. For other Sharp interface timing characteristics, refer to
Table 52. Synchronous Display Interface Timing Parameters—Access Level
ID
Parameter
Symbol
Min.
Typ.1
1 The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be device specific.
Max.
Units
IP16 Display interface clock low time
Tckl
Tdicd – Tdicu – 1.5
Tdicd2 –Tdicu3
2 Display interface clock down time
3 Display interface clock up time
where CEIL(X) rounds the elements of X to the nearest integers toward infinity.
Tdicd–Tdicu +1.5
ns
IP17 Display interface clock high time
Tckh
Tdicp – Tdicd +
Tdicu – 1.5
Tdicp – Tdicd +
Tdicu
Tdicp–Tdicd +
Tdicu + 1.5
ns
IP18 Data setup time
Tdsu
Tdicd – 3.5
Tdicu
—
ns
IP19 Data holdup time
Tdhd
Tdicp – Tdicd – 3.5
Tdicp – Tdicu
—
ns
IP20 Control signals setup time to
display interface clock
Tcsu
Tdicd – 3.5
Tdicu
—
ns
Tdicd
1
2
---T
HSP_CLK
ceil
2 DISP3_IF_CLK_DOWN_WR
⋅
HSP_CLK_PERIOD
---------------------------------------------------------------------------------
⋅
=
Tdicu
1
2
---T
HSP_CLK
ceil
2 DISP3_IF_CLK_UP_WR
⋅
HSP_CLK_PERIOD
----------------------------------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com