Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
63
Figure 42 shows MII asynchronous input timings listed in Table 46.
Figure 42. MII Asynch Inputs Timing Diagram
4.9.8.5
MII Serial Management Channel Timing
Serial management channel timing is accomplished using FEC_MDIO and FEC_MDC. The FEC
functions correctly with a maximum MDC frequency of 2.5 MHz. Table 47 lists MII serial management
channel timings.
The MDC frequency should be equal to or less than 2.5 MHz to be compliant with the IEEE 802.3 MII
specification. However the FEC can function correctly with a maximum MDC frequency of 15 MHz.
Table 47. MII Transmit Signal Timing
Num
Characteristic
Min.
Max.
Units
M10
FEC_MDC falling edge to FEC_MDIO output invalid (minimum
propagation delay)
0—
ns
M11
FEC_MDC falling edge to FEC_MDIO output valid (max.
propagation delay)
—5
ns
M12
FEC_MDIO (input) to FEC_MDC rising edge setup
18
—
ns
M13
FEC_MDIO (input) to FEC_MDC rising edge hold
0
—
ns
M14
FEC_MDC pulse width high
40%
60%
FEC_MDC period
M15
FEC_MDC pulse width low
40%
60%
FEC_MDC period
FEC_CRS, FEC_COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com