Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 95Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 96Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 100Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
97
Ground = 0.0 V; load capacitance = 40 pF; MediaLB speed = 1024 Fs; Fs = 48 kHz; all timing parameters
specified from the valid voltage threshold as listed below unless otherwise noted.
MLB fall time
tmckf
——
3
ns
VIH TO VIL
MLBCLK cycle time
tmckc
—
—
81
40
—
—
ns
256
× Fs
512
× Fs
MLBCLK low time
tmckl
31.5
30
37
35.5
—
—
ns
256
× Fs
256
× Fs PLL unlocked
14.5
14
17
16.5
—
—
ns
512
× Fs
512
× Fs PLL unlocked
MLBCLK high time
tmckh
31.5
30
38
36.5
—
—
ns
256
× Fs
256
× Fs PLL unlocked
14.5
14
17
16.5
—
—
ns
512
× Fs
512
× Fs PLL unlocked
MLBCLK pulse width variation
tmpwv
——
2
ns pp
Note2
MLBSIG/MLBDAT input valid to
MLBCLK falling
tdsmcf
1—
—
ns
—
MLBSIG/MLBDAT input hold
from MLBCLK low
tdhmcf
0—
—
ns
—
MLBSIG/MLBDAT output high
impedance from MLBCLK low
tmcfdz
0—
tmckl
ns
—
Bus Hold Time
tmdzh
4—
—
ns
Note3
1 The MLB controller can shut off MLBCLK to place MediaLB in a low-power state.
2 Pulse width variation is measured at 1.25 V by triggering on one edge of MLBCLK and measuring the spread on the other
edge, measured in ns peak-to-peak (pp)
3 The board must be designed to insure that the high-impedance bus does not leave the logic state of the final driven bit for this
time period. Therefore, coupling must be minimized while meeting the maximum capacitive load listed.
Table 59. MLB Device 1024Fs Timing Parameters
Parameter
Symbol
Min
Typ
Max
Units
Comment
MLBCLK Operating
Frequency1
fmck
45.056
49.152
49.2544
51.200
MHz
Min: 1024
× Fs at 44.0 kHz
Typ: 1024
× Fs at 48.0 kHz
Max: 1024
× Fs at 48.1 kHz
Max: 1024
× Fs PLL unlocked
MLBCLK rise time
tmckr
——
1
ns
VIL TO VIH
MLB fall time
tmckf
——
1
ns
VIH TO VIL
MLBCLK cycle time
tmckc
—20.3
—
ns
—
MLBCLK low time
tmckl
6.5
6.1
7.7
7.3
—
ns
PLL unlocked
Table 58. MLB 256/512 Fs Timing Parameters (continued)
Parameter
Symbol
Min
Typ
Max
Units
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com