Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 81Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 82Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 83Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 84Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 85Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 86Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 87Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 88Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
85
Figure 62. Asynchronous Parallel System 68k Interface (Type 2) Timing Diagram
Table 54. Asynchronous Parallel Interface Timing Parameters—Access Level
ID
Parameter
Symbol
Min.
Typ.1
Max.
Units
IP27 Read system cycle time
Tcycr
Tdicpr – 1.5
Tdicpr2
Tdicpr + 1.5
ns
IP28 Write system cycle time
Tcycw
Tdicpw – 1.5
Tdicpw3
Tdicpw + 1.5
ns
IP29 Read low pulse width
Trl
Tdicdr – Tdicur – 1.5
Tdicdr4 –Tdicur5 Tdicdr – Tdicur + 1.5
ns
IP30 Read high pulse width
Trh
Tdicpr – Tdicdr +
Tdicur – 1.5
Tdicpr – Tdicdr +
Tdicur
Tdicpr – Tdicdr + Tdicur
+ 1.5
ns
IP31 Write low pulse width
Twl
Tdicdw – Tdicuw
–1.5
Tdicdw6 –
Tdicuw7
Tdicdw – Tdicuw + 1.5
ns
IP32 Write high pulse width
Twh
Tdicpw – Tdicdw +
Tdicuw – 1.5
Tdicpw – Tdicdw
+ Tdicuw
Tdicpw – Tdicdw +
Tdicuw + 1.5
ns
IP33 Controls setup time for read
Tdcsr
Tdicur – 1.5
Tdicur
—
ns
IP34 Controls hold time for read
Tdchr
Tdicpr – Tdicdr – 1.5
Tdicpr – Tdicdr
—
ns
IP28, IP27
Read Data
IP32, IP30
IP37
IP38
DISPB_PAR_RS
DISPB_DATA
DISPB_DATA
DISPB_WR
(Input)
(Output)
IP35,IP33
IP36, IP34
IP31, IP29
IP40
IP39
IP45, IP43
IP42, IP41
DISPB_RD (ENABLE_L)
DISPB_D#_CS
(READ/WRITE)
DISPB_DATA[17]
(ENABLE_H)
read point
IP46,IP44
IP47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com