Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
67
inserted in between EAV and SAV code. The CSI decodes and filters out the timing coding from the data
stream, thus recovering SENSB_VSYNC and SENSB_HSYNC signals for internal use.
4.9.12.2.2
Gated Clock Mode
The SENSB_VSYNC, SENSB_HSYNC, and SENSB_PIX_CLK signals are used in this mode. See
Figure 45.
Figure 45. Gated Clock Mode Timing Diagram
A frame starts with a rising edge on SENSB_VSYNC (all the timing corresponds to straight polarity of the
corresponding signals). Then SENSB_HSYNC goes to high and hold for the entire line. The pixel clock
is valid as long as SENSB_HSYNC is high. Data is latched at the rising edge of the valid pixel clocks.
SENSB_HSYNC goes to low at the end of the line. Pixel clocks then become invalid and the CSI stops
receiving data from the stream. For the next line, the SENSB_HSYNC timing repeats. For the next frame,
the SENSB_VSYNC timing repeats.
4.9.12.2.3
Non-Gated Clock Mode
The timing is the same as the gated-clock mode (described in Section 4.9.12.2.2, “Gated Clock Mode”),
except for the SENSB_HSYNC signal, which is not used. See Figure 46. All incoming pixel clocks are
valid and will cause data to be latched into the input FIFO. The SENSB_PIX_CLK signal is inactive (states
low) until valid data is going to be transmitted over the bus.
Figure 46. Non-Gated Clock Mode Timing Diagram
SENSB_VSYNC
SENSB_HSYNC
SENSB_PIX_CLK
SENSB_DATA[9:0]
invalid
1st byte
n+1th frame
invalid
1st byte
nth frame
Active Line
Start of Frame
SENSB_VSYNC
SENSB_PIX_CLK
SENSB_DATA[7:0]
invalid
1st byte
n+1th frame
invalid
1st byte
nth frame
Start of Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com