Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 95Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 96Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
96
4.9.15
MediaLB Controller Electrical Specifications
This section describes the electrical information of the MediaLB Controller module.
MSHC_DATA
Setup time
tDsu
5
—
ns
Hold time
tDh
5
—
ns
Output delay time
tDd
—
15
ns
1 Timing is guaranteed for NVCC from 2.7 V through 3.1 V and up to a maximum overdrive NVCC of 3.3 V. See NVCC
restrictions described in Table 57.
Table 57. Parallel Interface Timing Parameters1
1 Timing is guaranteed for NVCC from 2.7 V through 3.1 V and up to a maximum overdrive NVCC of 3.3 V. See the NVCC
restrictions described in Table 7.
Signal
Parameter
Symbol
Standards
Unit
Min.
Max.
MSHC_SCLK
Cycle
tSCLKc
25
—
ns
H pulse length
tSCLKwh
5
—
ns
L pulse length
tSCLKwl
5
—
ns
Rise time
tSCLKr
—
10
ns
Fall time
tSCLKf
—
10
ns
MSHC_BS
Setup time
tBSsu
8
—
ns
Hold time
tBSh
1
—
ns
MSHC_DATA
Setup time
tDsu
8
—
ns
Hold time
tDh
1
—
ns
Output delay time
tDd
—
15
ns
Table 58. MLB 256/512 Fs Timing Parameters
Parameter
Symbol
Min
Typ
Max
Units
Comment
MLBCLK operating frequency1
fmck
11.264
12.288
24.576
24.6272
25.600
MHz
Min: 256
× Fs at 44.0 kHz
Typ: 256
× Fs at 48.0 kHz
Typ: 512
× Fs at 48.0 kHz
Max: 512
× Fs at 48.1 kHz
Max: 512
× Fs PLL unlocked
MLBCLK rise time
tmckr
——
3
ns
VIL TO VIH
Table 56. Serial Interface Timing Parameters1 (continued)
Signal
Parameter
Symbol
Standards
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com