Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
37
NOTE
Test conditions: load capacitance, 25 pF. Recommended drive strength for
all controls, address, and BCLK is set to maximum drive.
Recommended drive strength for all controls, address and BCLK is set to
maximum drive.
Table 30. WEIM Bus Timing Parameters1
1 “High” is defined as 80% of signal value, and “low” is defined as 20% of signal value.
ID
Parameter
Min.
Max.
Unit
WE1
BCLK cycle time2
2 BCLK parameters are measured from the 50% point. For example, “high” is defined as 50% of signal value and “low” is defined
as 50% of signal value.
14.5
—
ns
WE2
BCLK low-level width2
7—
ns
WE3
BCLK high-level width2
7—
ns
WE4
Clock fall to address valid
15
21
ns
WE5
Clock rise/fall to address invalid
22
25
ns
WE6
Clock rise/fall to CSx_B valid
15
19
ns
WE7
Clock rise/fall to CSx_B invalid
3.6
5
ns
WE8
Clock rise/fall to RW_B valid
8
12
ns
WE9
Clock rise/fall to RW_B invalid
3
8
ns
WE10
Clock rise/fall to OE_B valid
7
12
ns
WE11
Clock rise/fall to OE_B invalid
3.8
5.5
ns
WE12
Clock rise/fall to EBy_B valid
6
11.5
ns
WE13
Clock rise/fall to EBy_B invalid
6
10
ns
WE14
Clock rise/fall to LBA_B valid
17.5
20
ns
WE15
Clock rise/fall to LBA_B invalid
0
1
ns
WE16
Clock rise/fall to Output Data valid
5
10
ns
WE17
Clock rise to Output Data invalid
0
2.5
ns
WE18
Input Data Valid to Clock rise3
3 Parameters W18, W20, W22, and W24 are tested when FCE=1. i.MX35 does not support FCE=0.
1—
ns
WE20
Clock rise to Input Data invalid3
1—
ns
WE22
ECB_B setup time3
5—
ns
WE24
ECB_B hold time3
0—
ns
WE26
DTACK_B setup time
5.4
—
ns
WE27
DTACK_B hold time
–3.2
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com