Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
48
NOTE
Test conditions are: pin voltage 1.7 V–1.95 V, capacitance 15 pF for all pins
(both DDR and non-DDR pins), drive strength is high (7.2 mA). “High” is
defined as 80% of signal value and “low” is defined as 20% of signal value.
SDR SDRAM CLK parameters are measured from the 50% point—that is,
“high” is defined as 50% of signal value, and “low” is defined as 50% of
signal value. tCH + tCL will not exceed 7.5 ns for 133 MHz. DDR SDRAM
CLK parameters are measured at the crossing point of SDCLK and SDCLK
(inverted clock).
The timing parameters are similar to the ones used in SDRAM data sheets.
Table 33 indicates SDRAM requirements. All output signals are driven by
the ESDCTL at the negative edge of SDCLK, and the parameters are
measured at maximum memory frequency.
Figure 29. SDRAM Refresh Timing Diagram
Table 34. SDRAM Refresh Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Unit
SD1
SDRAM clock high-level width
tCH
3.4
4.1
ns
SD2
SDRAM clock low-level width
tCL
3.4
4.1
ns
SD3
SDRAM clock cycle time
tCK
7.5
—
ns
SD6
Address setup time
tAS
1.8
—
ns
CS
CAS
WE
RAS
ADDR
BA
ROW/BA
SD6
SD7
SD11
SD10
SD10
SDCLK
SD1
SD2
SDCLK
SD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com