Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
34
Figure 13. Write Data Latch Cycle Timing DIagram
Figure 14. Read Data Latch Cycle Timing DIagram
Table 29. NFC Timing Parameters1
ID
Parameter
Symbol
Timing
T = NFC Clock Cycle2
Example Timing for
NFC Clock
≈ 33 MHz
T = 30 ns
Unit
Min.
Max.
Min.
Max.
NF1
NFCLE setup time
tCLS
T – 1.0 ns
—
29
—
ns
NF2
NFCLE hold time
tCLH
T – 2.0 ns
—
25
—
ns
NF3
NFCE setup time
tCS
T – 1.0 ns
—
29
—
ns
NF4
NFCE hold time
tCH
T – 2.0 ns
—
209
—
ns
NFCLE
NFCE
NFWE
NFALE
NFIO[15:0]
Data to NF
NF9
NF8
NF1
NF5
NF3
NF6
NF11
NF10
NF7
NFCLE
NFCE
NFRE
NFRB
NFIO[15:0]
Data from NF
NF13
NF15
NF14
NF17
NF12
NF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com