Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
7
ATA
ATA module
SDMA
Connectivity
peripherals
The ATA block is an AT attachment host interface. Its main use is to
interface with IDE hard disk drives and ATAPI optical disk drives. It
interfaces with the ATA device over a number of ATA signals.
AUDMUX
Digital audio
mux
ARM
Multimedia
peripherals
The AUDMUX is a programmable interconnect for voice, audio, and
synchronous data routing between host serial interfaces (SSIs) and
peripheral serial interfaces (audio codecs). The AUDMUX has two
sets of interfaces: internal ports to on-chip peripherals and external
ports to off-chip audio devices. Data is routed by configuring the
appropriate internal and external ports.
CAN(2)
CAN module
ARM
Connectivity
peripherals
The CAN protocol is primarily designed to be used as a vehicle
serial data bus running at 1 Mbps.
CCM
Clock control
module
ARM
Clocks
This block generates all clocks for the peripherals in the SDMA
platform. The CCM also manages ARM1136 platform low-power
modes (WAIT, STOP), disabling peripheral clocks appropriately for
power conservation, and provides alternate clock sources for the
ARM1136 and SDMA platforms.
CSPI(2)
Configurable
serial
peripheral
interface
SDMA,
ARM
Connectivity
peripherals
This module is a serial interface equipped with data FIFOs; each
master/slave-configurable SPI module is capable of interfacing to
both serial port interface master and slave devices. The CSPI ready
(SPI_RDY) and slave select (SS) control signals enable fast data
communication with fewer software interrupts.
ECT
Embedded
cross trigger
SDMA,
ARM
Debug
ECT (embedded cross trigger) is an IP for real-time debug
purposes. It is a programmable matrix allowing several subsystems
to interact with each other. ECT receives signals required for
debugging purposes (from cores, peripherals, buses, external
inputs, and so on) and propagates them (propagation programmed
through software) to the different debug resources available within
the SoC.
EMI
External
memory
interface
SDMA
External
memory
interface
The EMI module provides access to external memory for the ARM
and other masters. It is composed of the following main
submodules:
M3IF—provides arbitration between multiple masters requesting
access to the external memory.
SDRAM CTRL—interfaces to mDDR, DDR2 (4-bank architecture
type), and SDR interfaces.
NANDFC—provides an interface to NAND Flash memories.
WEIM—interfaces to NOR Flash and PSRAM.
EPIT(2)
Enhanced
periodic
interrupt timer
ARM
Timer
peripherals
Each EPIT is a 32-bit “set-and-forget” timer that starts counting after
the EPIT is enabled by software. It is capable of providing precise
interrupts at regular intervals with minimal processor intervention. It
has a 12-bit prescaler to adjust the input clock frequency to the
required time setting for the interrupts, and the counter value can be
programmed on the fly.
Table 3. Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Domain1
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com