Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  IMX35 Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
3
•
Parallel ATA (up to 66 Mbytes)
•PWM
•
SPDIF transceiver
•
3 UART (up to 4.0 Mbps each)
1.2
Ordering Information
Table 1 provides the ordering information for the i.MX35 processors for consumer and industrial
applications.
The ball map for silicon revision 2.1 is different than the ballmap for silicon revision 2.0. The layout for
each revision is not compatible, so it is important that the correct ballmap be used to implement the layout.
See Section 5, “Package Information and Pinout.”
Table 1. Ordering Information
Description
Part Number1
1 Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010:
Indicated by the Icon (!)
Silicon
Revision
Package2
2 Case 5284 is RoHS-compliant, lead-free, MSL = 3, 1.
Speed
Operating
Temperature
Range (
°C)
Signal Ball
Map
Locations
Ball Map
i.MX353
MCIMX353CVM5B!
2.0
5284
532 MHz
–40 to 85
Table 90
Table 92
i.MX353
MCIMX353DVM5B!
2.0
5284
532 MHz
–20 to 70
Table 90
Table 92
i.MX357
MCIMX357CVM5B!
2.0
5284
532 MHz
–40 to 85
Table 90
Table 92
i.MX357
MCIMX357DVM5B!
2.0
5284
532 MHz
–20 to 70
Table 90
Table 92
i.MX353
MCIMX353CJQ4C
2.1
5284
532MHz
-40 to 85
Table 91
Table 93
i.MX353
MCIMX353DJQ5C
2.1
5284
532MHz
-20 to 70
Table 91
Table 93
i.MX357
MCIMX357CJQ4C
2.1
5284
532MHz
-40 to 85
Table 91
Table 93
i.MX357
MCIMX357DJQ5C
2.1
5284
532MHz
-20 to 70
Table 91
Table 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com