Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
6
•
Branch prediction with return stack
•
Low-interrupt latency
•
Instruction and data memory management units (MMUs), managed using micro TLB structures
backed by a unified main TLB
•
Instruction and data L1 caches, including a non-blocking data cache with hit-under-miss
•
Virtually indexed/physically addressed L1 caches
•
64-bit interface to both L1 caches
•
Write buffer (bypassable)
•
High-speed Advanced Micro Bus Architecture (AMBA)™ L2 interface
•
Vector floating point co-processor (VFP) for 3D graphics and hardware acceleration of other
floating-point applications
•ETM™ and JTAG-based debug support
Table 2 summarizes information about the i.MX35 core.
2.5
Module Inventory
Table 3 shows an alphabetical listing of the modules in the MCIMX35. For extended descriptions of the
modules, see the MCIMX35 reference manual.
Table 2. i.MX35 Core
Core
Acronym
Core
Name
Brief Description
Integrated Memory
Features
ARM11 or
ARM1136
ARM1136
Platform
The ARM1136™ platform consists of the ARM1136JF-S core, the ETM
real-time debug modules, a 6
× 5 multi-layer AHB crossbar switch (MAX), and
a vector floating processor (VFP).
The i.MX35 provides a high-performance ARM11 microprocessor core and
highly integrated system functions. The ARM Application Processor (AP) and
other subsystems address the needs of the personal, wireless, and portable
product market with integrated peripherals, advanced processor core, and
power management capabilities.
• 16-Kbyte
instruction cache
• 16-Kbyte data
cache
• 128-Kbyte L2
cache
• 32-Kbyte ROM
• 128-Kbyte RAM
Table 3. Digital and Analog Modules
Block
Mnemonic
Block Name
Domain1
Subsystem
Brief Description
1-WIRE
1-Wire
interface
ARM
ARM1136
platform
peripherals
1-Wire provides the communication line to a 1-Kbit add-only
memory. the interface can send or receive 1 bit at a time.
ASRC
Asynchronous
sample rate
converter
SDMA
Connectivity
peripherals
The ASRC is designed to convert the sampling rate of a signal
associated to an input clock into a signal associated to a different
output clock. It supports a concurrent sample rate conversion of
about –120 dB THD+N. The sample rate conversion of each
channel is associated to a pair of incoming and outgoing sampling
rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com