Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
10
MPLL
PPLL
Digital
phase-locked
loops
SDMA
Clocks
DPLLs are used to generate the clocks:
MCU PLL (MPLL)—programmable
Peripheral PLL (PPLL)—programmable
PWM
Pulse-width
modulator
ARM
ARM1136
platform
peripherals
The pulse-width modulator (PWM) is optimized to generate sound
from stored sample audio images; it can also generate tones.
RTC
Real-time
clock
ARM
Clocks
Provides the ARM1136 platform with a clock function (days, hours,
minutes, seconds) and includes alarm, sampling timer, and minute
stopwatch capabilities.
SDMA
Smart DMA
engine
SDMA
System
controls
The SDMA provides DMA capabilities inside the processor. It is a
shared module that implements 32 DMA channels and has an
interface to connect to the ARM1136 platform subsystem, EMI
interface, and the peripherals.
SJC
Secure JTAG
controller
ARM
Pins
The secure JTAG controller (SJC) provides debug and test control
with maximum security.
SPBA
SDMA
peripheral bus
arbiter
SDMA
System
controls
The SPBA controls access to the SDMA peripherals. It supports
shared peripheral ownership and access rights to an owned
peripheral.
S/PDIF
Serial audio
interface
SDMA
Connectivity
peripherals
Sony/Philips digital transceiver interface
SSI(2)
Synchronous
serial interface
SDMA,
ARM(2)
Connectivity
peripherals
The SSI is a full-duplex serial port that allows the processor
connected to it to communicate with a variety of serial protocols,
including the Freescale Semiconductor SPI standard and the I2C
sound (I2S) bus standard. The SSIs interface to the AUDMUX for
flexible audio routing.
UART(3)
Universal
asynchronous
receiver/trans
mitters
ARM
(UART1,2)
SDMA
(UART3)
Connectivity
peripherals
Each UART provides serial communication capability with external
devices through an RS-232 cable using the standard RS-232
non-return-to-zero (NRZ) encoding format. Each module transmits
and receives characters containing either 7 or 8 bits
(program-selectable). Each UART can also provide low-speed IrDA
compatibility through the use of external circuitry that converts
infrared signals to electrical signals (for reception) or transforms
electrical signals to signals that drive an infrared LED (for
transmission).
USBOH
High-speed
USB on-the-go
SDMA
Connectivity
peripherals
The USB module provides high performance USB on-the-go (OTG)
functionality (up to 480 Mbps), compliant with the USB 2.0
specification, the OTG supplement, and the ULPI 1.0 low pin count
specification. The module has DMA capabilities handling data
transfer between internal buffers and system memory.
WDOG
Watchdog
modules
ARM
Timer
peripherals
Each module protects against system failures by providing a method
of escaping from unexpected events or programming errors. Once
activated, the timer must be serviced by software on a periodic
basis. If servicing does not take place, the watchdog times out and
then either asserts a system reset signal or an interrupt request
signal, depending on the software configuration.
Table 3. Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Domain1
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com