Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
17
4.4.1
Power On Reset
POR_B is normally connected to a power management integrated circuit (PMIC). The PMIC asserts
POR_B while the power supplies are turned on and negates POR_B after the power up sequence is
finished. See Figure 2.
Assuming the i.MX35 chip is already fully powered; it is still possible to reset all of the modules to their
default reset by asserting POR_B for at least 4 CKIL cycles and later de-asserting POR_B. This method
of resetting the i.MX35 can also be supported by tying the POR_B and RESET_IN_B pins together.
Figure 3. Timing Between POR_B and CKIL for Complete Reset of i.MX35
4.4.2
System Reset
System reset can be achieved by asserting RESET_IN_B for at least 4 CKIL cycles and later negating
RESET_IN_B. The following modules are not reset upon system reset: RTC, PLLs, CCM, and IIM.
POR_B pin must be deasserted all the time.
Figure 4. Timing Between RESET_IN_B and CKIL for i.MX35 System Reboot
4.5
Power Characteristics
The table shows values representing maximum current numbers for the i.MX35 under worst case voltage
and temperature conditions. These values are derived from the i.MX35 with core clock speeds up to
532 MHz. Common supplies have been bundled according to the i.MX35 power-up sequence
requirements. Peak numbers are provided for system designers so that the i.MX35 power supply
POR_B
CKIL
At least 4 CKIL cycles
RESET_IN_B
CKIL
At least 4 CKIL cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com