Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
24
Figure 6 shows the output pin transition time waveform.
Figure 6. Output Pin Transition Time Waveform
4.8.1
AC Electrical Test Parameter Definitions
AC electrical characteristics in Table 14 through Table 19 are not applicable for the output open drain
pull-down driver.
The dI/dt parameters are measured with the following methodology:
•
The zero voltage source is connected between pin and load capacitance.
•
The current (through this source) derivative is calculated during output transitions.
Table 14. AC Electrical Characteristics of GPIO Pins in Slow Slew Rate Mode
[NVCC = 3.0 V–3.6 V]
Parameter
Symbol
Test
Condition
Min.
Rise/Fall
Typ. Rise/Fall
Max.
Rise/Fall
Units
Duty cycle
Fduty
—
40
—
60
%
Output pin slew rate (max. drive)
tps
25 pF
50 pF
0.79/1.12
0.49/0.73
1.30/1.77
0.84/1.23
2.02/2.58
1.19/1.58
V/ns
Output pin slew rate (high drive)
tps
25 pF
50 pF
0.48/0.72
0.27/0.42
0.76/1.10
0.41/0.62
1.17/1.56
0.63/0.86
V/ns
Output pin slew rate (standard
drive)
tps
25 pF
50 pF
0.25/0.40
0.14/0.21
0.40/0.59
0.21/0.32
0.60/0.83
0.32/0.44
V/ns
Output pin di/dt (max. drive)
tdit
25 pF
50 pF
15
16
36
38
76
80
mA/ns
Output pin di/dt (high drive)
tdit
25 pF
50 pF
8
9
20
21
45
47
mA/ns
Output pin di/dt (standard
drive)
tdit
25 pF
50 pF
4
4
10
10
22
23
mA/ns
Table 15. AC Electrical Characteristics of GPIO Pins in Slow Slew Rate Mode
[NVCC = 1.65 V–1.95 V]
Parameter
Symbol
Test Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units
Duty cycle
Fduty
—
40
—
60
%
Output pin slew rate (max. drive)
tps
25 pF
50 pF
0.30/0.42
0.20/0.29
0.54/0.73
0.35/0.50
0.91/1.20
0.60/0.80
V/ns
0V
NVCC
20%
80%
80%
20%
PA1
PA1
Output (at pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com