Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
45
4.9.5.3
ESDCTL Electrical Specifications
Figure 27 through Figure 36 depict the timings pertaining to the ESDCTL module, which interfaces with
mobile DDR or SDR SDRAM. Table 32 through Table 41 list the timing parameters.
Figure 27. SDRAM Read Cycle Timing Diagram
Table 32. DDR/SDR SDRAM Read Cycle Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Unit
SD1
SDRAM clock high-level width
tCH
3.4
4.1
ns
SD2
SDRAM clock low-level width
tCL
3.4
4.1
ns
SD3
SDRAM clock cycle time
tCK
7.0
—
ns
SD4
CS, RAS, CAS, WE, DQM, CKE setup time
tCMS
2.0
—
ns
SD5
CS, RAS, CAS, WE, DQM, CKE hold time
tCMH
1.8
—
ns
SD6
Address setup time
tAS
2.0
—
ns
SDCLK
WE
ADDR
DQ
DQM
COL/BA
Data
CS
CAS
RAS
Note:
CKE is high during the read/write cycle.
SD4
SD1
SD3
SD2
SD4
SD4
SD4
SD4
SD5
SD5
SD5
SD5
SD5
SD6
SD7
SD10
SD8
SD9
SDCLK
ROW/BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com