Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
46
NOTE
SDR SDRAM CLK parameters are measured from the 50% point—that is,
high is defined as 50% of signal value and low is defined as 50% of signal
value. SD1 + SD2 does not exceed 7.5 ns for 133 MHz.
The timing parameters are similar to the ones used in SDRAM data
sheets—that is, Table 32 indicates SDRAM requirements. All output signals
are driven by the ESDCTL at the negative edge of SDCLK and the
parameters are measured at maximum memory frequency.
SD7
Address hold time
tAH
1.8
—
ns
SD8
SDRAM access time
tAC
—
6.47
ns
SD9
Data out hold time1
tOH
1.2
—
ns
SD10
Active to read/write command period
tRC
10
—
clock
1 Timing parameters are relevant only to SDR SDRAM. For the specific DDR SDRAM data related timing parameters, see
Table 40 and Table 41.
Table 32. DDR/SDR SDRAM Read Cycle Timing Parameters (continued)
ID
Parameter
Symbol
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com