Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
12
CAUTION
Stresses beyond those listed in Table 6 may cause permanent damage to the
device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated in Table 7 is not
implied. Exposure to absolute-maximum-rated conditions for extended
periods may affect device reliability.
4.1.1
i.MX35 Operating Ranges
Table 7 provides the recommended operating ranges. The term NVCC in this section refers to the
associated supply rail of an input or output.
Table 6. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Supply voltage (core)
VDDmax
1
1 VDD is also known as QVCC.
–0.5
1.47
V
Supply voltage (I/O)
NVCCmax
–0.5
3.6
V
Input voltage range
VImax
–0.5
3.6
V
Storage temperature
Tstorage
–40
125
oC
ESD damage immunity:
Vesd
V
Human Body Model (HBM)
—
20002
2 HBM ESD classification level according to the AEC-Q100-002 standard
Charge Device Model (CDM)
—
5003
3 Corner pins max. 750 V
Table 7. i.MX35 Operating Ranges
Parameter
Symbol
Min.
Typical
Max.
Units
Core Operating Voltage
0 < fARM < 400 MHz
VDD
1.22
—
1.47
V
Core Operating Voltage
0 < fARM < 532 MHz
1.33
—
1.47
V
State Retention Voltage
1
—
—
V
EMI1
NVCC_EMI1,2,3
1.7
—
3.6
V
WTDG, Timer, CCM, CSPI1
NVCC_CRM
1.75
—
3.6
V
NANDF
NVCC_NANDF
1.75
—
3.6
V
ATA, USB generic
NVCC_ATA
1.75
—
3.6
V
eSDHC1
NVCC_SDIO
1.75
—
3.6
V
CSI, SDIO2
NVCC_CSI
1.75
—
3.6
V
JTAG
NVCC_JTAG
1.75
—
3.6
V
LCDC, TTM, I2C1
NVCC_LCDC
1.75
—
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com