Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
56
4.9.6
Enhanced Serial Audio Interface (ESAI) Timing Specifications
The ESAI consists of independent transmitter and receiver sections, each section with its own clock
generator. Table 42 shows the interface timing values. The number field in the table refers to timing signals
found in Figure 37 and Figure 38.
Table 42. Enhanced Serial Audio Interface Timing
No.
Characteristics1,2
Symbol
Expression2
Min.
Max.
Condition3 Unit
62
Clock cycle4
tSSICC
4
× Tc
4
× Tc
30.0
30.0
—
—
i ck
i ck
ns
63
Clock high period
• For internal clock
—2
× Tc − 9.0
6
—
—
ns
• For external clock
—
2
× Tc
15
—
—
64
Clock low period
• For internal clock
—2
× Tc − 9.0
6
—
—
ns
• For external clock
—
2
× Tc
15
—
—
65
SCKR rising edge to FSR out (bl) high
—
—
—
—
—
—
17.0
7.0
x ck
i ck a
ns
66
SCKR rising edge to FSR out (bl) low
—
—
—
—
—
—
17.0
7.0
x ck
i ck a
ns
67
SCKR rising edge to FSR out (wr) high5
—
—
—
—
—
—
19.0
9.0
x ck
i ck a
ns
68
SCKR rising edge to FSR out (wr) low5
—
—
—
—
—
—
19.0
9.0
x ck
i ck a
ns
69
SCKR rising edge to FSR out (wl) high
—
—
—
—
—
—
16.0
6.0
x ck
i ck a
ns
70
SCKR rising edge to FSR out (wl) low
—
—
—
—
—
—
17.0
7.0
x ck
i ck a
ns
71
Data in setup time before SCKR (SCK in synchronous
mode) falling edge
—
—
—
—
12.0
19.0
—
—
x ck
i ck
ns
72
Data in hold time after SCKR falling edge
—
—
—
—
3.5
9.0
—
—
x ck
i ck
ns
73
FSR input (bl, wr) high before SCKR falling edge5
—
—
—
—
2.0
12.0
—
—
x ck
i ck a
ns
74
FSR input (wl) high before SCKR falling edge
—
—
—
—
2.0
12.0
—
—
x ck
i ck a
ns
75
FSR input hold time after SCKR falling edge
—
—
—
—
2.5
8.5
—
—
x ck
i ck a
ns
78
SCKT rising edge to FST out (bl) high
—
—
—
—
—
—
18.0
8.0
x ck
i ck
ns
79
SCKT rising edge to FST out (bl) low
—
—
—
—
—
—
20.0
10.0
x ck
i ck
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com