Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
65
4.9.11
I2C AC Electrical Specifications
This section describes the electrical characteristics of the I2C module.
4.9.11.1
I2C Module Timing
Figure 44 depicts the timing of the I2C module. Table 48 lists the I2C module timing parameters.
Figure 44. I2C Bus Timing Diagram
Table 48. I2C Module Timing Parameters
ID
Parameter
Standard Mode
Fast Mode
Unit
Min.
Max.
Min.
Max.
IC1
I2CLK cycle time
10
—
2.5
—
μs
IC2
Hold time (repeated) START condition
4.0
—
0.6
—
μs
IC3
Set-up time for STOP condition
4.0
—
0.6
—
μs
IC4
Data hold time
01
1 A device must internally provide a hold time of at least 300 ns for the I2DAT signal in order to bridge the undefined region of
the falling edge of I2CLK.
3.452
2 The maximum hold time has to be met only if the device does not stretch the LOW period (ID IC6) of the I2CLK signal.
01
0.92
μs
IC5
HIGH Period of I2CLK Clock
4.0
—
0.6
—
μs
IC6
LOW Period of the I2CLK Clock
4.7
—
1.3
—
μs
IC7
Set-up time for a repeated START condition
4.7
—
0.6
—
μs
IC8
Data set-up time
250
—
1003
3 A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement of set-up time (ID IC7) of
250 ns must then be met. This will automatically be the case if the device does not stretch the LOW period of the I2CLK signal.
If such a device does stretch the LOW period of the I2CLK signal, it must output the next data bit to the I2DAT line
max_rise_time (ID No IC10) + data_setup_time (ID No IC8) = 1000 + 250 = 1250 ns (according to the Standard-mode I2C-bus
specification) before the I2CLK line is released.
—ns
IC9
Bus free time between a STOP and START condition
4.7
—
1.3
—
μs
IC10
Rise time of both I2DAT and I2CLK signals
—
1000
—
300
ns
IC11
Fall time of both I2DAT and I2CLK signals
—
300
—
300
ns
IC12
Capacitive load for each bus line (Cb)
—
400
—
400
pF
IC10
IC11
IC9
IC2
IC8
IC4
IC7
IC3
IC6
IC10
IC5
IC11
START
STOP
START
START
I2DAT
I2CLK
IC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com