Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
47
Figure 28. SDR SDRAM Write Cycle Timing Diagram
Table 33. SDR SDRAM Write Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Unit
SD1
SDRAM clock high-level width
tCH
0.45
0.55
ns
SD2
SDRAM clock low-level width
tCL
0.45
0.55
ns
SD3
SDRAM clock cycle time
tCK
7.0
—
ns
SD4
CS, RAS, CAS, WE, DQM, CKE setup time
tCMS
2.4
—
ns
SD5
CS, RAS, CAS, WE, DQM, CKE hold time
tCMH
1.4
—
ns
SD6
Address setup time
tAS
2.4
—
ns
SD7
Address hold time
tAH
1.4
—
ns
SD13
Data setup time
tDS
2.4
—
ns
SD14
Data hold time
tDH
1.4
—
ns
CS
CAS
WE
RAS
ADDR
DQ
DQM
BA
ROW / BA
COL/BA
DATA
SD4
SD4
SD4
SD4
SD5
SD5
SD5
SD5
SD7
SD6
SD13
SD14
SDCLK
SD1
SD3
SD2
SDCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com