Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 100Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 101Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 102Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 103Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 104Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
101
4.9.17.3
Timing Parameters
Table 64 shows the parameters used in the timing equations. These parameters depend on the
implementation of the ATA interface on silicon, the bus buffer used, the cable delay, and the cable skew.
Table 64. ATA Timing Parameters
Name
Description
Value/
Contributing Factor1
1 Values provided where applicable.
T
Bus clock period (ipg_clk_ata)
Peripheral clock
frequency
ti_ds
Set-up time ata_data to ata_iordy edge (UDMA-in only)
UDMA0
UDMA1
UDMA2, UDMA3
UDMA4
UDMA5
15 ns
10 ns
7ns
5ns
4ns
ti_dh
Hold time ata_iordy edge to ata_data (UDMA-in only)
UDMA0, UDMA1, UDMA2, UDMA3, UDMA4
UDMA5
5.0 ns
4.6 ns
tco
Propagation delay bus clock L-to-H to
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack, ata_data,
ata_buffer_en
12.0 ns
tsu
Set-up time ata_data to bus clock L-to-H
8.5 ns
tsui
Set-up time ata_iordy to bus clock H-to-L
8.5 ns
thi
Hold time ata_iordy to bus clock H to L
2.5 ns
tskew1 Maximum difference in propagation delay bus clock L-to-H to any of following signals
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack, ata_data
(write), ata_buffer_en
7ns
tskew2 Maximum difference in buffer propagation delay for any of following signals
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack, ata_data
(write), ata_buffer_en
Transceiver
tskew3 Maximum difference in buffer propagation delay for any of following signals ata_iordy,
ata_data (read)
Transceiver
tbuf
Maximum buffer propagation delay
Transceiver
tcable1 Cable propagation delay for ata_data
Cable
tcable2 Cable propagation delay for control signals ata_dior, ata_diow, ata_iordy, ata_dmack
Cable
tskew4 Maximum difference in cable propagation delay between ata_iordy and ata_data (read)
Cable
tskew5 Maximum difference in cable propagation delay between (ata_dior, ata_diow, ata_dmack)
and ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_data(write)
Cable
tskew6 Maximum difference in cable propagation delay without accounting for ground bounce
Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com