Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 61Page - ATMEL Corporation ATmega16HVB Datasheet HTML 62Page - ATMEL Corporation ATmega16HVB Datasheet HTML 63Page - ATMEL Corporation ATmega16HVB Datasheet HTML 64Page - ATMEL Corporation ATmega16HVB Datasheet HTML 65Page - ATMEL Corporation ATmega16HVB Datasheet HTML 66Page - ATMEL Corporation ATmega16HVB Datasheet HTML 67Page - ATMEL Corporation ATmega16HVB Datasheet HTML 68Page - ATMEL Corporation ATmega16HVB Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 273 page
background image
65
8042A–AVR–07/09
ATmega16HVB/32HVB
14.4.1
Alternate Functions of Port C
The Port C pins with alternate functions are shown in Table 14-2.
The alternate pin configuration is as follows:
• INT0/ EXTPROT - Port C, Bit 0
INT0: External Interrupt Source 0. This pin can serve as external interrupt source. INT0 can be
used as an interrupt pin regardless of whether another function is enabled or not.
EXTPROT: External Battery Protection Input. This pin can serve as external battery protection
input to be able to override the FET controller externally.
• INT1 - Port C, Bit1
INT1: External Interrupt Source 1. This pin can serve as external interrupt source. INT1 can be
used as an interrupt pin regardless of whether another function is enabled or not.
• INT2 - Port C, Bit2
INT2: External Interrupt Source 2. This pin can serve as external interrupt source. INT2 can be
used as an interrupt pin regardless of whether another function is enabled or not.
Table 14-1.
Generic Description of Overriding Signals for Alternate Functions
Signal Name
Full Name
Description
PVOE
Port Value
Override Enable
If this signal is set and the Output Driver is enabled, the port
value is controlled by the PVOV signal. If PVOE is cleared, and
the Output Driver is enabled, the port Value is controlled by the
PORTxn Register bit.
PVOV
Port Value
Override Value
If PVOE is set, the port value is set to PVOV, regardless of the
setting of the PORTxn Register bit.
DIEOE
Digital Input
Enable Override
Enable
If this bit is set, the Digital Input Enable is controlled by the
DIEOV signal. If this signal is cleared, the Digital Input Enable
is determined by MCU state (Normal mode, sleep mode).
DIEOV
Digital Input
Enable Override
Value
If DIEOE is set, the Digital Input is enabled/disabled when
DIEOV is set/cleared, regardless of the MCU state (Normal
mode, sleep mode).
DI
Digital Input
This is the Digital Input to alternate functions. In the figure, the
signal is connected to the output of the schmitt trigger but
before the synchronizer. Unless the Digital Input is used as a
clock source, the module with the alternate function will use its
own synchronizer.
Table 14-2.
Port C Pins Alternate Functions
Port Pin
Alternate Function
PC0
INT0/ EXTPROT(External Interrupt 0 or External Battery Protection Input)
PC1
INT1 (External interrupt 1)
PC2
INT1 (External interrupt 2)
PC3
INT3/ SDA (External Interrupt 3 or SM Bus Data line)
PC4
SCL (SM Bus Clock line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com