Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 66 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 62Page - ATMEL Corporation ATmega16HVB Datasheet HTML 63Page - ATMEL Corporation ATmega16HVB Datasheet HTML 64Page - ATMEL Corporation ATmega16HVB Datasheet HTML 65Page - ATMEL Corporation ATmega16HVB Datasheet HTML 66Page - ATMEL Corporation ATmega16HVB Datasheet HTML 67Page - ATMEL Corporation ATmega16HVB Datasheet HTML 68Page - ATMEL Corporation ATmega16HVB Datasheet HTML 69Page - ATMEL Corporation ATmega16HVB Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 273 page
background image
66
8042A–AVR–07/09
ATmega16HVB/32HVB
• INT3/ SDA - Port C, Bit3
INT3: External Interrupt Source 3. This pin can serve as external interrupt source. INT3 can be
used as an interrupt pin regardless of whether another function is enabled or not.
SDA: SM Bus Data. This pin can serve as bidirectional serial data line for the 2-wire Serial
Interface.
• SCL - Port C, Bit4
SCL: SM Bus Clock. This pin can serve as bidirectional clock line for the 2-wire Serial Interface
Table 14-3 on page 66 relates the alternate functions of Port C to the overriding signals shown in
Figure 14-3 on page 64.
14.5
Register Description
14.5.1
PORTC – Port C Data Register
14.5.2
PINC – Port C Input Pins Address
Table 14-3.
Overriding Signals for Alternate Functions in PC4:0
Signal
Name
PC4/SCL
PC3/INT3/SDA
PC2/INT2
PC1/INT1
PC0/INT0/EXTPROT
PVOE
SM BUS ENABLED
SM BUS ENABLED
EXTPROT ENABLE
PVOV
SM BUS CLOCK
SM BUS DATA
1
DIEOE
SM BUS ENABLED
INT3 ENABLE
SM BUS ENABLED
INT2 ENABLE
INT1ENABLE
INT0 ENABLE
EXTPROT ENABLE
DIEOV
1
1
1
1
1
DI
SM BUS CLOCK
INT3 INPUT
SM BUS DATA
INT2 INPUT
INT1 INPUT
INT0 INPUT
EXTPROT INPUT
DIDR
Bit
765
432
10
0x08 (0x28)
–
–
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
PORTC
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765
432
10
0x06 (0x26)
––
-
PINC4
PINC3
PINC2
PINC1
PINC0
PINC
Read/Write
RR
RRR
RRR
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com