Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 13Page - ATMEL Corporation ATmega16HVB Datasheet HTML 14Page - ATMEL Corporation ATmega16HVB Datasheet HTML 15Page - ATMEL Corporation ATmega16HVB Datasheet HTML 16Page - ATMEL Corporation ATmega16HVB Datasheet HTML 17Page - ATMEL Corporation ATmega16HVB Datasheet HTML 18Page - ATMEL Corporation ATmega16HVB Datasheet HTML 19Page - ATMEL Corporation ATmega16HVB Datasheet HTML 20Page - ATMEL Corporation ATmega16HVB Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 273 page
background image
17
8042A–AVR–07/09
ATmega16HVB/32HVB
8.
AVR Memories
8.1
Overview
This section describes the different memories in the ATmega16HVB/32HVB. The AVR architec-
ture has two main memory spaces, the Data Memory and the Program Memory space. In
addition, the ATmega16HVB/32HVB features an EEPROM Memory for data storage. All three
memory spaces are linear and regular.
8.2
In-System Reprogrammable Flash Program Memory
The ATmega16HVB/32HVB contains 16K/32K bytes On-chip In-System Reprogrammable Flash
memory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is orga-
nized as 8K/16K x 16.
The F lash memory has an endurance of at least 10,000 write/erase cycles. The
ATmega16HVB/32HVB Program Counter (PC) is 13/14 bits wide, thus addressing the 8K/16K
program memory locations. The operation of Boot Program section and associated Boot Lock
bits for software protection are described in detail in ”Boot Loader Support – Read-While-Write
Self-Programming” on page 191. ”Memory Programming” on page 208 contains a detailed
description on Flash programming.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in ”Instruction Execution Tim-
ing” on page 14.
Figure 8-1.
Program Memory Map
8.3
SRAM Data Memory
Figure 8-2 on page 18 shows how the ATmega16HVB/32HVB SRAM Memory is organized.
0x0000
0x1FFF/0x3FFF
Program Memory
Application Flash Section
Boot Flash Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com